Electronic Components Datasheet Search
  English  ▼

X  

LAN7500 Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 12Page - Microchip Technology LAN7500 Datasheet HTML 13Page - Microchip Technology LAN7500 Datasheet HTML 14Page - Microchip Technology LAN7500 Datasheet HTML 15Page - Microchip Technology LAN7500 Datasheet HTML 16Page - Microchip Technology LAN7500 Datasheet HTML 17Page - Microchip Technology LAN7500 Datasheet HTML 18Page - Microchip Technology LAN7500 Datasheet HTML 19Page - Microchip Technology LAN7500 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
DS00001734A-page 16
 2014 Microchip Technology Inc
Table 2.6 Miscellaneous Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
System Reset
nRESET
VIS
(PU)
This active-low pin allows external hardware to
reset the device.
Note:
Assertion of nRESET is required
following power-on.
PME Clear
PME_CLEAR
VIS
(PU)
This pin may serve as the PME_CLEAR input
when PME mode of operation is in effect. Refer
to Chapter 4, "PME Operation," on page 30 for
additional information.
1
Detect
Upstream
VBUS Power
VBUS_DET
IS_5V
(PD)
Detects state of upstream bus power.
For bus powered operation, this pin must be tied
to VDD33A.
For self powered operation, refer to the
LAN7500/LAN7500i reference schematics.
1
Test
TEST
-
This pin must always be connected to VSS for
proper operation.
1
Switching
Regulator
Mode
SW_MODE
VO6
When asserted, this pin places the external
switching regulator into power saving mode.
Note:
The SW_MODE_POL and
SW_MODE_SEL bits of Configuration
Flags 1 control the polarity of the pin
and when it is asserted, respectively.
Table 2.7 I/O Power Pins, Core Power Pins, and Ground Pad
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
+3.3V Analog
Power Supply
Input
VDD33A
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for connection information.
4
+3.3V/+2.5V
I/O Power
Supply Input
VDDVARIO
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for connection information.
6
Digital Core
+1.2V Power
Supply Input
VDD12CORE
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for connection information.
1
USB PLL
+1.2V Power
Supply Input
VDD12USBPLL
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for additional connection information.
4
Ethernet
+1.2V Port
Power Supply
Input For
Channels 0-3
VDD12A
P
Refer to Chapter 6, "Application Diagrams," on
page 36 and the LAN7500/LAN7500i reference
schematics for additional connection information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com