Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 4 Page - Texas Instruments

  TMP815 Datasheet HTML 1Page - Texas Instruments TMP815 Datasheet HTML 2Page - Texas Instruments TMP815 Datasheet HTML 3Page - Texas Instruments TMP815 Datasheet HTML 4Page - Texas Instruments TMP815 Datasheet HTML 5Page - Texas Instruments TMP815 Datasheet HTML 6Page - Texas Instruments TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
18
V
VOUT
Output voltage
OUT1P, OUT1N, OUT2P, OUT2N
18
V
OUT1N, OUT2N
–20
IOUT
Continuous output current
mA
OUT1P, OUT2P
20
VVTH
Input voltage
VTH, RMI
7
V
VRMI
VS-S
Input/output voltage
S-S
7
V
VFG
Output voltage
FG
19
V
IFG
Continuous output current
FG
10
mA
I5VREG Continuous output current
5VREG
–20
mA
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins (2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
TA = 25°C
MIN
MAX
UNIT
VCC
Supply voltage
6
16
V
VVTH
VTH input voltage
0
5
V
VRMI
RMI input voltage
0
5
V
VICM
Hall input common phase input voltage
0.2
3
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
TMP815
THERMAL METRIC (1)
PW (TSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
108
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
94.2
°C/W
RθJB
Junction-to-board thermal resistance
31.5
°C/W
ψJT
Junction-to-top characterization parameter
38.9
°C/W
ψJB
Junction-to-board characterization parameter
1.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
38.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com