Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 1 Page - Texas Instruments

  TMP815 Datasheet HTML 1Page - Texas Instruments TMP815 Datasheet HTML 2Page - Texas Instruments TMP815 Datasheet HTML 3Page - Texas Instruments TMP815 Datasheet HTML 4Page - Texas Instruments TMP815 Datasheet HTML 5Page - Texas Instruments TMP815 Datasheet HTML 6Page - Texas Instruments TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TMP815
Vm
Speed Setting
Soft Start
Lock Detection
Speed Output
Frequency Set
Current Limit
H+
H-
Motor
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
TMP815 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
1
1 Features
•
Single-Phase Full-Wave Driving Predriver
•
Rotation Speed Detection (FG) and Lock
Detection (RD) Output
–
Low Saturation Drive Using External P-channel
•
Thermal Shutdown Circuit Incorporated
Devices at Top and N-channel Devices in
Bottom in H-bridge Configuration Enables
2 Applications
High-Efficiency Low-Power Consumption Drive
•
Variable Speed Control Possible With External
•
Server Fans
PWM Input
•
Appliance Fans
–
Separately Excited Upper Direct PWM (f = 30
kHz) Control Method Ensures Quiet Speed
3 Description
Control
The TMP815 device is a single-phase bipolar driving
motor predriver with a variable-speed function that is
•
Current Limiter Circuit Incorporated
compatible with an external PWM signal. A highly
–
Chopper Type Current Limiting Made at Start-
efficient and quiet variable-drive fan motor with low-
up and During Lock
power consumption can be achieved with few
•
Reactive Current Cut Circuit Incorporated
external parts.
–
Reactive Current Before Phase Change Is Cut
This device is best suited for driving of the servers
to Enable Silent and Low-Consumption Drive
requiring large air flow and large current or the fan
•
Minimum-Speed Setting Pin
motors of consumer appliances.
–
Minimum Speed Can be Set With External
Device Information (1)
Resistor
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Soft-Start Setting Pin
TMP815
TSSOP (PW)
4.40 mm × 5.00 mm
•
Lock Protection and Automatic Reset Circuits
(1) For all available packages, see the orderable addendum at
Incorporated
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8155P-2 TOSHIBA-TMP8155P-2 Datasheet
333Kb / 16P
256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8156P-2 TOSHIBA-TMP8156P-2 Datasheet
333Kb / 16P
256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - TMP815

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11867FV SANYO-LB11867FV_11 Datasheet
220Kb / 9P
For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
logo
Texas Instruments
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
LB11967V-TLM-E ONSEMI-LB11967V-TLM-E Datasheet
105Kb / 9P
For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com