Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 5 Page - Texas Instruments

  TMP815 Datasheet HTML 1Page - Texas Instruments TMP815 Datasheet HTML 2Page - Texas Instruments TMP815 Datasheet HTML 3Page - Texas Instruments TMP815 Datasheet HTML 4Page - Texas Instruments TMP815 Datasheet HTML 5Page - Texas Instruments TMP815 Datasheet HTML 6Page - Texas Instruments TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
4.0
4.2
4.4
4.6
4.8
5.0
5.2
0
5
10
15
20
25
30
Output Current (mA)
5VREG Output-9V
5VREG Output-12V
5VREG Output-15V
C001
TMP815
www.ti.com
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
VCC = 12 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
4.8
4.95
5.1
V5VREG
Output voltage
5VREG
I5VREG = –5 mA
V
TA = –40°C to
5.2
+125°C
TA = 25°C
185
200
215
VLIM
Current limiting voltage
SENSE
mV
TA = –40°C to +125°C
250
VCPWMH
High-level output voltage
2.8
3
3.2
V
VCPWML
Low-level output voltage
0.9
1.1
1.3
V
ICPWM1
Charge current
CPWM
VCPWM = 0.5 V
24
30
36
μA
ICPWM2
Discharge current
VCPWM = 3.5 V
21
27
33
μA
fPWM
Oscillation frequency
CP = 220 pF
30
kHz
VCTH
High-level output voltage
2.8
3
3.2
V
VCTL
Low-level output voltage
0.9
1.1
1.3
V
ICT1
Charge current
1.6
2
2.5
μA
CT
ICT2
Discharge current
0.16
0.2
0.25
μA
Charge/discharge
RCT
8
10
12
current ratio
IS-S
Discharge current
S-S
VS-S = 1 V
0.4
0.5
0.6
μA
VCC –
VONH
High-level output voltage
IOH = –10 mA
VCC – 0.85
V
1
OUT_N
TA = 25°C
0.9
1
VONL
Low-level output voltage
IOL = 10 mA
V
TA = –40°C to
1.05
+125°C
VOPL
Low-level output voltage
OUT_P
IOL = 10 mA
0.5
0.65
V
IN+, IN– differential voltage
VHN
Hall input sensitivity
IN+, IN-
±10
±20
mV
(including offset and hysteresis)
TA = 25°C
0.15
0.3
VFG
Low-level output voltage
IFG = 5 mA
V
TA = –40°C to
FG
0.41
+125°C
IFGL
Output leakage current
VFG = 19 V
20
μA
IVTH
Bias current
VTH, RMI
VCPWM = VVTH = VRMI = 2 V, VCT = 0 V
0.1
μA
IRMI
During drive
4
7.5
9.5
ICC
Supply current
VCC
mA
During lock protection
4
7.5
9.5
6.6 Typical Characteristics
Figure 1. 5VREG Output Voltage (V) vs Output Current (mA)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com