Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments TMP815 Datasheet HTML 10Page - Texas Instruments TMP815 Datasheet HTML 11Page - Texas Instruments TMP815 Datasheet HTML 12Page - Texas Instruments TMP815 Datasheet HTML 13Page - Texas Instruments TMP815 Datasheet HTML 14Page - Texas Instruments TMP815 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RF
R = 1 k
p
W
V
CC
IN–
IN+
RMI
VTH
CPWM
CT
SGND
5VREG
SENSE
FG
R
= 10 k
to 100
FG
W
W
CT = 0.47 µF
CP = 100 pF
30 kHz
H
PWM-IN
*3
1 µF
25 V
1
2
3
4
*9
*8
1
2
3
4
*1
*10
*5
*7
*2
1 µF
25 V
*4
S-S
*11
*6
TMP815
www.ti.com
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
8.2 Typical Application
Figure 5 shows the typical application diagram.
Figure 5. 12-V Sample Application Circuit
8.2.1 Design Requirements
For this design example, use the following parameters:
•
Input Voltage: 6 to 16 V
•
VCC capacitor: 1 µF or more
•
H Bridge top side: P-channel FETs
•
H Bridge bottom side: N-channel FETs
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TMP815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com