Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP815 Datasheet HTML 4Page - Texas Instruments TMP815 Datasheet HTML 5Page - Texas Instruments TMP815 Datasheet HTML 6Page - Texas Instruments TMP815 Datasheet HTML 7Page - Texas Instruments TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments TMP815 Datasheet HTML 10Page - Texas Instruments TMP815 Datasheet HTML 11Page - Texas Instruments TMP815 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
RMI Voltage
VTH Voltage
0 V
ON Duty Cycle
0%
100%
S-S Voltage
3 V
CPWM
1.1 V
Lock Protection
Soft-
Start
Section
RMI Set Speed
RMI Voltage
VTH Voltage
0 V
ON Duty Cycle
0%
100%
S-S Voltage
3 V
CPWM
1.1 V
Lock Protection
Soft-Start Section
VTH Set Speed
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
Adjust the S-S pin voltage gradient by means of the capacitance of the oscillator between the S-S pin and 5VREG.
Recommended capacitance is 0.1
μF to 1 μF.
Figure 3. Soft-Start Timing (VVTH < VRMI)
Adjust the S-S pin voltage gradient by means of the capacitance of the oscillator between the S-S pin and 5VREG.
Recommended capacitance is 0.1
μF to 1 μF.
Figure 4. Soft-Start Timing (VVTH > VRMI)
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com