Electronic Components Datasheet Search
  English  ▼

X  

TMP815 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP815 Datasheet HTML 8Page - Texas Instruments TMP815 Datasheet HTML 9Page - Texas Instruments TMP815 Datasheet HTML 10Page - Texas Instruments TMP815 Datasheet HTML 11Page - Texas Instruments TMP815 Datasheet HTML 12Page - Texas Instruments TMP815 Datasheet HTML 13Page - Texas Instruments TMP815 Datasheet HTML 14Page - Texas Instruments TMP815 Datasheet HTML 15Page - Texas Instruments TMP815 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
www.ti.com
Typical Application (continued)
8.2.2 Detailed Design Procedure
Pins:
•
CPWM Capacitor: 220 pF for 30-kHz switching or appropriate.
•
VTH Pin connected to Ground for Full speed or supplied with pulsed input
•
RMI Pin Pulled high to 5VREG output or external connection if required
•
5VREG connected to Hall Sensor. Hall sensor differential inputs connected to IN+ and IN-
•
Current sense resistor connected to SENSE pin or GND.
•
CT connected to Lock Detection capacitor (0.47 uF or calculated values) or to GND
•
Drive outputs connected to the Gates of the H bridge switches.
•
Pull up on FG.
Power Supply:
•
Make sure the power supply has set with sufficient current limit at the decided at the motor voltage.
Build the circuit with the recommended connections at the pins.
Test the motor circuit with hardware connected to it.
8.2.3 Application Curves
Figure 7. Motor Outputs and Phase Current at 100% Duty
Figure 6. Start-up at 12 V (Soft Start)
Cycle
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com