Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 45Page - Infineon Technologies AG PEF2015 Datasheet HTML 46Page - Infineon Technologies AG PEF2015 Datasheet HTML 47Page - Infineon Technologies AG PEF2015 Datasheet HTML 48Page - Infineon Technologies AG PEF2015 Datasheet HTML 49Page - Infineon Technologies AG PEF2015 Datasheet HTML 50Page - Infineon Technologies AG PEF2015 Datasheet HTML 51Page - Infineon Technologies AG PEF2015 Datasheet HTML 52Page - Infineon Technologies AG PEF2015 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
PEF 2015
Registers Summary
Semiconductor Group
49
12.97
1. Writing data to the upstream DM-data field (e.g. PCM-idle code).
Reading data from the upstream or downstream DM-data field.
MOC3..0
defines the bandwidth and the position of the subchannel as shown below:
Note: When reading a DM-data field location, all 8 bits are read regardless of the
bandwidth selected by the MOC-bits.
2. Writing to the upstream DM-code (tristate) field.
Control-reading the upstream DM-code (tristate).
MOC = 1100
Read/write tristate info from/to single PCM time slot
MOC = 1101
Write tristate info to all PCM time slots
Note: The tristate field is exchanged with the 4 least significant bits (LSBs) of the MADR.
MADR:MD3 controls the PCM interface function of the bits 7 and 6, MD2 of bits 5
and 4, MD1 of bits 3 and 2, MD0 of bits 1 and 0 (0 = high impedance, 1 = low
impedance).
3. Writing data to the upstream or downstream CM-data field (e.g. signaling code).
Reading data from the upstream or downstream CM-data field.
MACR:
RWS
MOC3
MOC2
MOC1
MOC0
0
0
0
MOC3..0
Transferred Bits
Channel Bandwidth
0000
0001
0011
0010
0111
0110
0101
0100
–
bits 7..0
bits 7..4
bits 3..0
bits 7..6
bits 5..4
bits 3..2
bits 1..0
–
64 kbit/s
32 kbit/s
32 kbit/s
16 kbit/s
16 kbit/s
16 kbit/s
16 kbit/s
MACR:
RWS
MOC3
MOC2
MOC1
MOC0
0
0
0
MACR:
RWS
1
0
010
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com