Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 59Page - Infineon Technologies AG PEF2015 Datasheet HTML 60Page - Infineon Technologies AG PEF2015 Datasheet HTML 61Page - Infineon Technologies AG PEF2015 Datasheet HTML 62Page - Infineon Technologies AG PEF2015 Datasheet HTML 63Page - Infineon Technologies AG PEF2015 Datasheet HTML 64Page - Infineon Technologies AG PEF2015 Datasheet HTML 65Page - Infineon Technologies AG PEF2015 Datasheet HTML 66Page - Infineon Technologies AG PEF2015 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
PEF 2015
Registers Summary
Semiconductor Group
63
12.97
4.2.6.4
Command Register (CMDR)
Access in demultiplexed
µP-interface mode:
write
address: DH
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
write
address: 1AH
Reset value: 00H
Writing a logical 1 to a CMDR-register bit starts the respective operation.
ST
Start Timer.
0… no action. If the timer shall be stopped, the TIMR-register must simply be
written with a random value.
1… starts the timer to run cyclically from 0 to the value programmed in
TIMR:TVAL6..0.
TIG
Timer Interrupt Generation.
0… setting the TIG-bit to logical 0 together with the CMDR:ST-bit set to
logical 1 disables the interrupt generation.
1… setting the TIG-bit to logical 1 together with CMDR:ST-bit set to logical 1
causes the MICO to generate a periodic interrupt (ISTA:TIN) each time
the timer expires.
CFR
CIFIFO Reset.
0… no action.
1… resets the signaling FIFO within 2 RCL-periods, i.e. all entries and the
ISTA:SFI-bit are cleared.
MFT1..0
MF-channel Transfer Control Bits 1,0; these bits start the monitor transfer
enabling the contents of the MFFIFO to be exchanged with the subscriber
circuits as specified in MFSAR. The function of some commands depends
furthermore on the selected protocol (OMDR:MFPS). Table 5 summarizes all
available MF-commands.
MFSO
MF-channel Search On.
0… no action.
1… the MICO starts to search for active MF-channels. Active channels are
characterized by an active MX-bit (logical 0) sent by the remote
transmitter. If such a channel is found, the corresponding address is
stored in MFAIR and an ISTA:MAC-interrupt is generated. The search is
stopped when an active MF-channel has been found or when
OMDR:OMS0 is set to 0.
bit 7
bit 0
0
ST
TIG
CFR
MFT1
MFT0
MFSO
MFFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com