Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 25Page - Infineon Technologies AG PEF2015 Datasheet HTML 26Page - Infineon Technologies AG PEF2015 Datasheet HTML 27Page - Infineon Technologies AG PEF2015 Datasheet HTML 28Page - Infineon Technologies AG PEF2015 Datasheet HTML 29Page - Infineon Technologies AG PEF2015 Datasheet HTML 30Page - Infineon Technologies AG PEF2015 Datasheet HTML 31Page - Infineon Technologies AG PEF2015 Datasheet HTML 32Page - Infineon Technologies AG PEF2015 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
PEF 2015
Operational Description
Semiconductor Group
29
12.97
3.5
Initialization Procedure
For proper initialization of the MICO the following procedure is recommended:
3.5.1
Hardware Reset
A reset pulse can be applied at the RES-pin for at least 4 PDC-clock cycles. The reset
pulse sets all registers to their reset values (refer to section 4.1).
Note that in this state DCL and FSC do not deliver any clock signals.
3.5.2
MICO Initialization
3.5.2.1
Register Initialization
The PCM- and CFI-configuration registers (PMOD, PBNR,
…, CMD1, CMD2, …) should
be programmed to the values required for the application. The correct setting of the
PCM- and CFI-registers is important in order to obtain a reference clock (RCL) which is
consistent with the externally applied clock signals.
The state of the operation mode (OMDR:OMS1..0 bits) does not matter for this
programming step.
PMOD =
PCM-mode, timing characteristics, etc.
PBNR
=
Number of bits per PCM-frame
POFD
=
PCM-offset downstream
POFU
=
PCM-offset upstream
PCSR
=
PCM-timing
CMD1
=
CFI-mode, timing characteristics, etc.
CMD2
=
CFI-timing
CBNR
=
Number of bits per CFI-frame
CTAR
=
CFI-offset (time slots)
CBSR
=
CFI-offset (bits)
CSCR
=
CFI-sub channel positions
3.5.2.2
Control Memory Reset
Since the hardware reset does not affect the MICO memories (Control and Data
Memories), it is mandatory to perform a "software reset" of the CM. The CM-code '0000'
(unassigned channel) should be written to each location of the CM. The data written to
the CM-data field is then don’t care, e.g. FFH.
OMDR:OMS1..0 must be to '00'B for this procedure (reset value).
MADR
=
FFH
MACR
=
70H
Wait for STAR:MAC = 0
The resetting of the complete CM takes 256 RCL-clock cycles. During this time, the
STAR:MAC-bit is set to logical 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com