| Electronic Components Datasheet Search |
|
PEF2015 Datasheet(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEF2015 Datasheet(HTML) 30 Page - Infineon Technologies AG |
|
30 / 84 page ![]() PEF 2015 Operational Description Semiconductor Group 30 12.97 3.5.2.3 Initialization of Pre-processed Channels After the CM-reset, all CFI time slots are unassigned. If the CFI is used as a plain PCM- interface, i.e. containing only switched channels (B-channels), the initialization steps below are not required. The initialization of pre-processed channels applies only to IOM- or SLD-applications. An IOM- or SLD-"channel" consists of four consecutive time slots. The first two time slots, the B-channels need not be initialized since they are already set to unassigned channels by the CM-reset command. Later, in the application phase of the software, the B-channels can be dynamically switched according to system requirements. The last two time slots of such an IOM- or SLD-channel, the pre-processed channels must be initialized for the desired functionality. There are four options that can be selected: Table 2 Pre-Processed Channel Options at the CFI Also refer to figure 9. Example In CFI-mode 0 the CFI-port shall be initialized as IOM-2 port with a 4-bit C/I-field. CFI time slots 0, 1, 4, 5, 8, 9 … 28, 29 are B-channels and need not to be initialized. CFI time slots 2, 3, 6, 7, 10, 11, …, 30, 31 are pre-processed channels and need to be initialized: Even CFI Time Slot Odd CFI Time Slot Main Application Monitor/feature control channel Monitor/feature control channel Monitor/feature control channel Monitor/feature control channel 4-bit C/I-channel, D-channel not switched (decentral D-channel handling) 4-bit C/I-channel, D-channel switched (central D-ch. handling) 6-bit SIG-channel 8-bit SIG/channel IOM-1 or IOM-2 digital subscriber IOM-1 or IOM-2 digital subscriber IOM-2, analog subscriber SLD, analog subscriber |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |