Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PEF2015 Datasheet HTML 1Page - Infineon Technologies AG PEF2015 Datasheet HTML 2Page - Infineon Technologies AG PEF2015 Datasheet HTML 3Page - Infineon Technologies AG PEF2015 Datasheet HTML 4Page - Infineon Technologies AG PEF2015 Datasheet HTML 5Page - Infineon Technologies AG PEF2015 Datasheet HTML 6Page - Infineon Technologies AG PEF2015 Datasheet HTML 7Page - Infineon Technologies AG PEF2015 Datasheet HTML 8Page - Infineon Technologies AG PEF2015 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
Edition 12.97
This edition was realized using the software system FrameMaker®.
Published by Siemens AG,
HL DT CE
© Siemens AG 1997.
All Rights Reserved.
Attention please!
As far as patents or other rights of third parties are concerned, liability is only assumed for components, not for applications, processes
and circuits implemented within components or assemblies.
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
For questions on technology, delivery and prices please contact the Semiconductor Group Offices in Germany or the Siemens Companies
and Representatives worldwide (see address list).
Due to technical requirements components may contain dangerous substances. For information on the types in question please contact
your nearest Siemens Office, Semiconductor Group.
Siemens AG is an approved CECC manufacturer.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will
take packing material back, if it is sorted. You must bear the costs of transport.
For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incur-
red.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components
1 of the Semiconductor Group of Siemens AG, may only be used in life-support devices or systems2 with the express
written approval of the Semiconductor Group of Siemens AG.
1 A critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the
failure of that life-support device or system, or to affect its safety or effectiveness of that device or system.
2 Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain hu-
man life. If they fail, it is reasonable to assume that the health of the user may be endangered.
PEF 2015
Revision History:
Current Version: Data Sheet 12.97
Previous Version: Preliminary Data Sheet 05.97
Page
(in previous
Version)
Page
(in new
Version)
Subjects (major changes since last revision)
34, 58
34, 58
MFAIR: new reset value = 00xx xxxxB
34, 60
34, 60
CIFIFO: new reset value = 0xxx xxxxB
34, 69, 70
34, 69, 70
VNSR register: Reset value corrected to 02H
(Version bits for MICO V1.1: 0010)
-
75, 78
New timing in Motorola mode: tRWh = 10 ns max. (R/W hold time from
DS)
77, 78, 80
75, 76, 78
Timing value and definition changed: tDW = 0 ns min. (Data set-up time
to CSxWR / CSxDS in write access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com