Electronic Components Datasheet Search
  English  ▼

X  

PEF2015 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # PEF2015
Description  ICs for Communications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEF2015 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button PEF2015 Datasheet HTML 50Page - Infineon Technologies AG PEF2015 Datasheet HTML 51Page - Infineon Technologies AG PEF2015 Datasheet HTML 52Page - Infineon Technologies AG PEF2015 Datasheet HTML 53Page - Infineon Technologies AG PEF2015 Datasheet HTML 54Page - Infineon Technologies AG PEF2015 Datasheet HTML 55Page - Infineon Technologies AG PEF2015 Datasheet HTML 56Page - Infineon Technologies AG PEF2015 Datasheet HTML 57Page - Infineon Technologies AG PEF2015 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
PEF 2015
Registers Summary
Semiconductor Group
54
12.97
4.2.4
Synchronous Transfer Registers
4.2.4.1
Synchronous Transfer Data Register (STDA)
Access in demultiplexed
µP-interface mode: read/write
address: 3H
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
read/write
address: 06H
Reset value: xxH
The STDA-register buffers the data transferred over the synchronous transfer channel A.
MTDA7 to MTDA0 hold the bits 7 to 0 of the respective time slot. MTDA7 (MSB) is the
bit transmitted/received first, MTDA0 (LSB) the bit transmitted/received last over the
serial interface.
4.2.4.2
Synchronous Transfer Data Register B (STDB)
Access in demultiplexed
µP-interface mode: read/write
address: 4H
OMDR:RBS = 0
Access in multiplexed
µP-interface mode:
read/write
address: 08H
Reset value: xxH
The STDB-register buffers the data transferred over the synchronous transfer channel B.
MTDB7 to MTDB0 hold the bits 7 to 0 of the respective time slot. MTDB7 (MSB) is the
bit transmitted/received first, MTDB0 (LSB) the bit transmitted/received last over the
serial interface.
bit 7
bit 0
MTDA7
MTDA6
MTDA5
MTDA4
MTDA3
MTDA2
MTDA1
MTDA0
bit 7
bit 0
MTDB7
MTDB6
MTDB5
MTDB4
MTDB3
MTDB2
MTDB1
MTDB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com