Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 54 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 50Page - STMicroelectronics VL6180X Datasheet HTML 51Page - STMicroelectronics VL6180X Datasheet HTML 52Page - STMicroelectronics VL6180X Datasheet HTML 53Page - STMicroelectronics VL6180X Datasheet HTML 54Page - STMicroelectronics VL6180X Datasheet HTML 55Page - STMicroelectronics VL6180X Datasheet HTML 56Page - STMicroelectronics VL6180X Datasheet HTML 57Page - STMicroelectronics VL6180X Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
Device registers
VL6180X
54/79
DocID026171 Rev 6
6.2.24
SYSRANGE__PART_TO_PART_RANGE_OFFSET
Address:
0x024
Type:
R/W
Reset:
0xYY, register default overwritten at boot-up by NVM contents.
Description:
6.2.25
SYSRANGE__RANGE_IGNORE_VALID_HEIGHT
Address:
0x025
Type:
R/W
Reset:
0x0, register default overwritten at boot-up by NVM contents.
Description:
6.2.26
SYSRANGE__RANGE_IGNORE_THRESHOLD
Address:
0x026
Type:
R/W
Reset:
0xYY
Description:
7
654
321
0
sysrange__part_to_part_range_offset
R/W
[7:0]
sysrange__part_to_part_range_offset: 2s complement format.
7
654
321
0
sysrange__range_ignore_valid_height
R/W
[7:0]
sysrange__range_ignore_valid_height: Range below which ignore threshold is applied. Aim is
to ignore the cover glass i.e. low signal rate at near distance. Should not be applied to low
reflectance target at far distance. Range in mm.
Note: It is recommended to set this register to 255 if the range ignore feature is used.
15
14
13
12
11
10
9876543210
sysrange__range_ignore_threshold
R/W
[15:0]
sysrange__range_ignore_threshold: User configurable min threshold signal return rate. Used
to filter out ranging due to cover glass when there is no target above the device. Mcps 9.7
format.
Note: Register must be initialized if this feature is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com