Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics VL6180X Datasheet HTML 35Page - STMicroelectronics VL6180X Datasheet HTML 36Page - STMicroelectronics VL6180X Datasheet HTML 37Page - STMicroelectronics VL6180X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 79 page
background image
Electrical characteristics
VL6180X
34/79
DocID026171 Rev 6
3.4
Electrical characteristics
Table 18. Digital I/O electrical characteristics
Symbol
Parameter
Minimum
Typical
Maximum
Unit
CMOS digital I/O (SDA, SCL, GPIO0 and GPIO1)
VIL
Low level input voltage
-0.5
-
0.6
V
VIH
High level input voltage
1.12
-
AVDD+0.5
V
VOL
Low level output voltage (8mA load)
-
-
0.4
V
VOH
High level output voltage (8mA load)
AVDD-0.4
-
-
V
IIL
Low level input current
-
-
-10
µA
IIH
High level input current
-
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com