Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 50 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 46Page - STMicroelectronics VL6180X Datasheet HTML 47Page - STMicroelectronics VL6180X Datasheet HTML 48Page - STMicroelectronics VL6180X Datasheet HTML 49Page - STMicroelectronics VL6180X Datasheet HTML 50Page - STMicroelectronics VL6180X Datasheet HTML 51Page - STMicroelectronics VL6180X Datasheet HTML 52Page - STMicroelectronics VL6180X Datasheet HTML 53Page - STMicroelectronics VL6180X Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 79 page
background image
Device registers
VL6180X
50/79
DocID026171 Rev 6
6.2.14
SYSTEM__FRESH_OUT_OF_RESET
Address:
0x016
Type:
R/W
Reset:
0x1
Description:
6.2.15
SYSTEM__GROUPED_PARAMETER_HOLD
Address:
0x017
Type:
R/W
Reset:
0x0
Description:
7
654
321
0
RR/W
[0]
fresh_out_of_reset: Fresh out of reset bit, default of 1, user can set this to 0 after initial boot and
can therefore use this to check for a reset condition
7
654
321
0
RR/W
[0]
grouped_parameter_hold: Flag set over I2C to indicate that data is being updated
0: Data is stable - FW is safe to copy
1: Data being updated - FW not safe to copy
Usage: set to 0x01 first, write any of the registers listed below, then set to 0x00 so that the
settings are used by the firmware at the start of the next measurement.
SYSTEM__INTERRUPT_CONFIG_GPIO
SYSRANGE__THRESH_HIGH
SYSRANGE__THRESH_LOW
SYSALS__INTEGRATION_PERIOD
SYSALS__ANALOGUE_GAIN
SYSALS__THRESH_HIGH
SYSALS__THRESH_LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com