Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 51 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 47Page - STMicroelectronics VL6180X Datasheet HTML 48Page - STMicroelectronics VL6180X Datasheet HTML 49Page - STMicroelectronics VL6180X Datasheet HTML 50Page - STMicroelectronics VL6180X Datasheet HTML 51Page - STMicroelectronics VL6180X Datasheet HTML 52Page - STMicroelectronics VL6180X Datasheet HTML 53Page - STMicroelectronics VL6180X Datasheet HTML 54Page - STMicroelectronics VL6180X Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 79 page
background image
DocID026171 Rev 6
51/79
VL6180X
Device registers
78
6.2.16
SYSRANGE__START
Address:
0x018
Type:
R/W
Reset:
0x0
Description:
6.2.17
SYSRANGE__THRESH_HIGH
Address:
0x019
Type:
R/W
Reset:
0xFF
Description:
7
654
321
0
RR/W
R/W
[1]
sysrange__mode_select: Device Mode select
0: Ranging Mode Single-Shot
1: Ranging Mode Continuous
[0]
sysrange__startstop: StartStop trigger based on current mode and system configuration of
device_ready. FW clears register automatically.
Setting this bit to 1 in single-shot mode starts a single measurement.
Setting this bit to 1 in continuous mode will either start continuous operation (if stopped) or halt
continuous operation (if started).
This bit is auto-cleared in both modes of operation.
7
654
321
0
sysrange__thresh_high
R/W
[7:0]
sysrange__thresh_high: High Threshold value for ranging comparison. Range 0-255mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com