Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 73 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 69Page - STMicroelectronics VL6180X Datasheet HTML 70Page - STMicroelectronics VL6180X Datasheet HTML 71Page - STMicroelectronics VL6180X Datasheet HTML 72Page - STMicroelectronics VL6180X Datasheet HTML 73Page - STMicroelectronics VL6180X Datasheet HTML 74Page - STMicroelectronics VL6180X Datasheet HTML 75Page - STMicroelectronics VL6180X Datasheet HTML 76Page - STMicroelectronics VL6180X Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 79 page
background image
DocID026171 Rev 6
73/79
VL6180X
Ordering information
78
9
Ordering information
VL6180X is currently available in the following format. More detailed information is available
on request.
9.1
Traceability and identification
Latest ROM revision can be identified as follows:
0x002 IDENTIFICATION__MODEL_REV_MINOR = 3
The minimum information required for traceability is the content of the following registers:
0x006 - IDENTIFICATION__DATE_HI
0x007 - IDENTIFICATION__DATE_LO
0x008 - IDENTIFICATION__TIME (16-bit)
0x00A - IDENTIFICATION__CODE
With this information, the module can be uniquely identified.
Preferably, all the IDENTIFICATION register contents should be provided for traceability.
9.2
Part marking
Devices are marked on the underside as shown below. 1st line is the product ID. 2nd line is
the manufacturing info. (circled in green), where the 1st four letters are the lot ID and the
last 3 digits are the year + week number. Here: 338 is 2013 wk38. The final letter, circled in
red, is the ROM revision (‘D’).
Figure 30. Part marking
Table 26. Delivery format
Order code
Description
VL6180XV0NR/1
Tape and reel (5000 units in a reel)
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79