Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 77 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 77 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 71Page - STMicroelectronics VL6180X Datasheet HTML 72Page - STMicroelectronics VL6180X Datasheet HTML 73Page - STMicroelectronics VL6180X Datasheet HTML 74Page - STMicroelectronics VL6180X Datasheet HTML 75Page - STMicroelectronics VL6180X Datasheet HTML 76Page - STMicroelectronics VL6180X Datasheet HTML 77Page - STMicroelectronics VL6180X Datasheet HTML 78Page - STMicroelectronics VL6180X Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
DocID026171 Rev 6
77/79
VL6180X
Revision history
78
11
Revision history
Table 28. Document revision history
Date
Revision
Changes
23-Sep-2013
1
Initial release.
30-Jan-2014
1.1
General update for latest ROM revision:
Section 1.1: Technical specification updated
Section 1.4: Application schematic updated
Section 1.5: Recommended solder pad dimensions updated
Notes added to Figure 5.: Recommended reflow profile
Section 2.13: Ambient light sensor (ALS) updated.
Section 3.1: Absolute maximum ratings added
Section 3.2: Normal operating conditions extended
Section 4: Performance specification added
Revised outline drawing added to Section 7: Outline drawing
Class 1 laser product label added to Section 7: Outline drawing
Section 9: Ordering information added information relating to
device marking and package labeling
02-Apr-2014
1.2
Updates to the following sections:
Section 1.5: Recommended solder pad dimensions
Section 3.2: Normal operating conditions
Section 3.4: Electrical characteristics
Section 4.1: Proximity ranging (0 to 100mm)
Added Section 4.2: ALS performance
Corrected error codes in.Section 6.2.38: RESULT__ALS_STATUS
Updated Section 6.2.20:
SYSRANGE__MAX_CONVERGENCE_TIME
Product code changed to VL6180X
09-Apr-14
2
Add documentation reference number (026171)
Update Disclaimer
15-May-14
3
ALS linearity spec updated in Section 4.2: ALS performance
Updated some detail in Table 1.: Technical specification
Added comment to Section 1.3: Device pinout stating that pins
labeled ‘no connect’ can optionally be connected to ground
Added test condition to Section 3.3: Current consumption
Errata corrections in 6.2.8, 6.2.35 and 6.2.54
Section 7: Outline drawing updated (no dimensional changes)
Dry bake conditions updated in Section 9.4: Storage
28-May-14
4
Added Section 8.1: Compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com