Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 31 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics VL6180X Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
DocID026171 Rev 6
31/79
VL6180X
Functional description
78
2.13.3
ALS dynamic range
Table 13 shows the range of measurable light at all gains both with and without glass. In
most applications operating at a single gain setting should be possible.
2.13.4
ALS count to lux conversion
The output from the ambient light sensor is a 16-bit register, RESULT__ALS_VAL{0x50}.
The count output is proportional to the light level and can be converted into lux using the
following equation:
The factory calibrated ALS lux resolution is 0.32 lux/count for an analog gain of 1 (calibrated
without glass). The ALS lux resolution will require re-calibration in the final system where
cover glass is used. This can be done by recording the count output with and without glass
under the same conditions and multiplying the ALS lux resolution by the ratio of the two
counts as follows:
Table 13. ALS dynamic range(1)
1.
ALS lux resolution = 0.32 lux/count
Analogue
gain setting
Dynamic range (no glass)
Dynamic range (10%
transmissive glass)
Min. (Lux)(2)
2.
Minimum of 10 counts
Max. (Lux)
Minimum (Lux)
Maximum (Lux)
1
3.20
20800
32.0
>100,000
1.25
2.56
16640
25.6
>100,000
1.67
1.93
12530
19.3
>100,000
2.5
1.28
8320
12.8
83,200
5
0.64
4160
6.4
41,600
10
0.32
2080
3.2
20,800
20
0.16
1040
1.6
10,400
40
0.08
520
0.8
5,200
Light level (in lux)
ALS lux resolution
RESULT__ALS_VAL
Analog gain
--------------------------------------------------------
100 ms
ALS integration time
------------------------------------------------------
×
×
=
ALS lux resolution (with glass)
RESULT__ALS_VAL (without glass)
RESULT__ALS_VAL (with glass)
------------------------------------------------------------------------------------------------
ALS lux resolution (without glass)
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com