Electronic Components Datasheet Search
  English  ▼

X  

VL6180X Datasheet(PDF) 56 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 52Page - STMicroelectronics VL6180X Datasheet HTML 53Page - STMicroelectronics VL6180X Datasheet HTML 54Page - STMicroelectronics VL6180X Datasheet HTML 55Page - STMicroelectronics VL6180X Datasheet HTML 56Page - STMicroelectronics VL6180X Datasheet HTML 57Page - STMicroelectronics VL6180X Datasheet HTML 58Page - STMicroelectronics VL6180X Datasheet HTML 59Page - STMicroelectronics VL6180X Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
Device registers
VL6180X
56/79
DocID026171 Rev 6
6.2.29
SYSRANGE__VHV_RECALIBRATE
Address:
0x02E
Type:
R/W
Reset:
0x0
Description:
6.2.30
SYSRANGE__VHV_REPEAT_RATE
Address:
0x031
Type:
R/W
Reset:
0x0
Description:
7
654
321
0
RR/W
R/W
[1]
sysrange__vhv_status: FW controlled status bit showing when FW has completed auto-vhv
process.
0: FW has finished autoVHV operation
1: During autoVHV operation
[0]
sysrange__vhv_recalibrate: User-Controlled enable bit to force FW to carry out recalibration of
the VHV setting for sensor array. FW clears bit after operation carried out.
0: Disabled
1: Manual trigger for VHV recalibration. Can only be called when ALS and ranging are in STOP
mode
7
654
321
0
sysrange__vhv_repeate_rate
R/W
[7:0]
sysrange__vhv_repeat_rate: User entered repeat rate of auto VHV task (0 = off, 255 = after
every 255 measurements)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com