Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 23Page - ATMEL Corporation ATMEGA8 Datasheet HTML 24Page - ATMEL Corporation ATMEGA8 Datasheet HTML 25Page - ATMEL Corporation ATMEGA8 Datasheet HTML 26Page - ATMEL Corporation ATMEGA8 Datasheet HTML 27Page - ATMEL Corporation ATMEGA8 Datasheet HTML 28Page - ATMEL Corporation ATMEGA8 Datasheet HTML 29Page - ATMEL Corporation ATMEGA8 Datasheet HTML 30Page - ATMEL Corporation ATMEGA8 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 303 page
background image
27
ATmega8(L)
2486M–AVR–12/03
External RC Oscillator
For timing insensitive applications, the external RC configuration shown in Figure 12
can be used. The frequency is roughly estimated by the equation f = 1/(3RC). C should
be at least 22 pF. By programming the CKOPT Fuse, the user can enable an internal 36
pF capacitor between XTAL1 and GND, thereby removing the need for an external
capacitor. For more information on Oscillator operation and details on how to choose R
and C, refer to the External RC Oscillator application note.
Figure 12. External RC Configuration
The Oscillator can operate in four different modes, each optimized for a specific fre-
quency range. The operating mode is selected by the fuses CKSEL3..0 as shown in
Table 7.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 8.
Note:
1. This option should not be used when operating close to the maximum frequency of
the device.
Table 7. External RC Oscillator Operating Modes
CKSEL3..0
Frequency Range (MHz)
0101
≤ 0.9
0110
0.9 - 3.0
0111
3.0 - 8.0
1000
8.0 - 12.0
Table 8. Start-up Times for the External RC Oscillator Clock Selection
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
Recommended Usage
00
18 CK
–
BOD enabled
01
18 CK
4.1 ms
Fast rising power
10
18 CK
65 ms
Slowly rising power
11
6 CK(1)
4.1 ms
Fast rising power or BOD enabled
XTAL2
XTAL1
GND
C
R
VCC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com