Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 59 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 55Page - ATMEL Corporation ATMEGA8 Datasheet HTML 56Page - ATMEL Corporation ATMEGA8 Datasheet HTML 57Page - ATMEL Corporation ATMEGA8 Datasheet HTML 58Page - ATMEL Corporation ATMEGA8 Datasheet HTML 59Page - ATMEL Corporation ATMEGA8 Datasheet HTML 60Page - ATMEL Corporation ATMEGA8 Datasheet HTML 61Page - ATMEL Corporation ATMEGA8 Datasheet HTML 62Page - ATMEL Corporation ATMEGA8 Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 303 page
background image
59
ATmega8(L)
2486M–AVR–12/03
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 25.
The alternate pin configuration is as follows:
• RESET – Port C, Bit 6
RESET, Reset pin: When the RSTDISBL Fuse is programmed, this pin functions as a
normal I/O pin, and the part will have to rely on Power-on Reset and Brown-out Reset as
its reset sources. When the RSTDISBL Fuse is unprogrammed, the reset circuitry is
connected to the pin, and the pin can not be used as an I/O pin.
If PC6 is used as a reset pin, DDC6, PORTC6 and PINC6 will all read 0.
• SCL/ADC5 – Port C, Bit 5
SCL, Two-wire Serial Interface Clock: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PC5 is disconnected from the port and
becomes the Serial Clock I/O pin for the Two-wire Serial Interface. In this mode, there is
a spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation.
PC5 can also be used as ADC input Channel 5. Note that ADC input channel 5 uses dig-
ital power.
• SDA/ADC4 – Port C, Bit 4
SDA, Two-wire Serial Interface Data: When the TWEN bit in TWCR is set (one) to
enable the Two-wire Serial Interface, pin PC4 is disconnected from the port and
becomes the Serial Data I/O pin for the Two-wire Serial Interface. In this mode, there is
a spike filter on the pin to suppress spikes shorter than 50 ns on the input signal, and the
pin is driven by an open drain driver with slew-rate limitation.
PC4 can also be used as ADC input Channel 4. Note that ADC input channel 4 uses dig-
ital power.
• ADC3 – Port C, Bit 3
PC3 can also be used as ADC input Channel 3. Note that ADC input channel 3 uses
analog power.
• ADC2 – Port C, Bit 2
PC2 can also be used as ADC input Channel 2. Note that ADC input channel 2 uses
analog power.
• ADC1 – Port C, Bit 1
Table 25. Port C Pins Alternate Functions
Port Pin
Alternate Function
PC6
RESET (Reset pin)
PC5
ADC5 (ADC Input Channel 5)
SCL (Two-wire Serial Bus Clock Line)
PC4
ADC4 (ADC Input Channel 4)
SDA (Two-wire Serial Bus Data Input/Output Line)
PC3
ADC3 (ADC Input Channel 3)
PC2
ADC2 (ADC Input Channel 2)
PC1
ADC1 (ADC Input Channel 1)
PC0
ADC0 (ADC Input Channel 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com