Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 43Page - ATMEL Corporation ATMEGA8 Datasheet HTML 44Page - ATMEL Corporation ATMEGA8 Datasheet HTML 45Page - ATMEL Corporation ATMEGA8 Datasheet HTML 46Page - ATMEL Corporation ATMEGA8 Datasheet HTML 47Page - ATMEL Corporation ATMEGA8 Datasheet HTML 48Page - ATMEL Corporation ATMEGA8 Datasheet HTML 49Page - ATMEL Corporation ATMEGA8 Datasheet HTML 50Page - ATMEL Corporation ATMEGA8 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 303 page
background image
47
ATmega8(L)
2486M–AVR–12/03
When the BOOTRST Fuse is programmed, the boot section size set to 2K bytes, and
the IVSEL bit in the GICR Register is set before any interrupts are enabled, the most
typical and general program setup for the Reset and Interrupt Vector Addresses is:
AddressLabels
Code
Comments
;
.org $c00
$c00
rjmp
RESET
; Reset handler
$c01
rjmp
EXT_INT0
; IRQ0 Handler
$c02
rjmp
EXT_INT1
; IRQ1 Handler
...
...
... ;
$c12
rjmp
SPM_RDY
; Store Program Memory Ready
Handler
$c13
RESET: ldi
r16,high(RAMEND); Main program start
$c14
out
SPH,r16
; Set Stack Pointer to top of RAM
$c15
ldi
r16,low(RAMEND)
$c16
out
SPL,r16
$c17
sei
; Enable interrupts
$c18
<instr>
xxx
Moving Interrupts Between
Application and Boot Space
The General Interrupt Control Register controls the placement of the Interrupt Vector
table.
General Interrupt Control
Register – GICR
• Bit 1 – IVSEL: Interrupt Vector Select
When the IVSEL bit is cleared (zero), the Interrupt Vectors are placed at the start of the
Flash memory. When this bit is set (one), the Interrupt Vectors are moved to the begin-
ning of the Boot Loader section of the Flash. The actual address of the start of the boot
Flash section is determined by the BOOTSZ Fuses. Refer to the section “Boot Loader
Support – Read-While-Write Self-Programming” on page 206 for details. To avoid unin-
tentional changes of Interrupt Vector tables, a special write procedure must be followed
to change the IVSEL bit:
1.
Write the Interrupt Vector Change Enable (IVCE) bit to one.
2.
Within four cycles, write the desired value to IVSEL while writing a zero to IVCE.
Interrupts will automatically be disabled while this sequence is executed. Interrupts are
disabled in the cycle IVCE is set, and they remain disabled until after the instruction fol-
lowing the write to IVSEL. If IVSEL is not written, interrupts remain disabled for four
cycles. The I-bit in the Status Register is unaffected by the automatic disabling.
Note: If Interrupt Vectors are placed in the Boot Loader section and Boot Lock bit BLB02
is programmed, interrupts are disabled while executing from the Application section. If
Interrupt Vectors are placed in the Application section and Boot Lock bit BLB12 is pro-
gramed, interrupts are disabled while executing from the Boot Loader section. Refer to
the section “Boot Loader Support – Read-While-Write Self-Programming” on page 206
for details on Boot Lock Bits.
Bit
7
6
5
4
3
2
1
0
INT1
INT0
–
–
–
–
IVSEL
IVCE
GICR
Read/Write
R/W
R/W
R
R
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com