Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 24Page - ATMEL Corporation ATMEGA8 Datasheet HTML 25Page - ATMEL Corporation ATMEGA8 Datasheet HTML 26Page - ATMEL Corporation ATMEGA8 Datasheet HTML 27Page - ATMEL Corporation ATMEGA8 Datasheet HTML 28Page - ATMEL Corporation ATMEGA8 Datasheet HTML 29Page - ATMEL Corporation ATMEGA8 Datasheet HTML 30Page - ATMEL Corporation ATMEGA8 Datasheet HTML 31Page - ATMEL Corporation ATMEGA8 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 303 page
background image
28
ATmega8(L)
2486M–AVR–12/03
Calibrated Internal RC
Oscillator
The calibrated internal RC Oscillator provides a fixed 1.0, 2.0, 4.0, or 8.0 MHz clock. All
frequencies are nominal values at 5V and 25
°C. This clock may be selected as the sys-
tem clock by programming the CKSEL Fuses as shown in Table 9. If selected, it will
operate with no external components. The CKOPT Fuse should always be unpro-
grammed when using this clock option. During reset, hardware loads the calibration byte
into the OSCCAL Register and thereby automatically calibrates the RC Oscillator. At 5V,
25
°C and 1.0 MHz Oscillator frequency selected, this calibration gives a frequency
within ± 3% of the nominal frequency. Using run-time calibration methods as described
in application notes available at www.atmel.com/avr it is possible to achieve ± 1% accu-
racy at any given V
CC and Temperature. When this Oscillator is used as the chip clock,
the Watchdog Oscillator will still be used for the Watchdog Timer and for the Reset
Time-out. For more information on the pre-programmed calibration value, see the sec-
tion “Calibration Byte” on page 221.
Note:
1. The device is shipped with this option selected.
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 10. PB6 (XTAL1/TOSC1) and PB7(XTAL2/TOSC2) can be used as
either general I/O pins or Timer Oscillator pins..
Note:
1. The device is shipped with this option selected.
Table 9. Internal Calibrated RC Oscillator Operating Modes
CKSEL3..0
Nominal Frequency (MHz)
0001(1)
1.0
0010
2.0
0011
4.0
0100
8.0
Table 10. Start-up Times for the Internal Calibrated RC Oscillator Clock Selection
SUT1..0
Start-up Time from
Power-down and
Power-save
Additional Delay
from Reset
(VCC = 5.0V)
Recommended Usage
00
6 CK
–
BOD enabled
01
6 CK
4.1 ms
Fast rising power
10(1)
6 CK
65 ms
Slowly rising power
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com