Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA8 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATMEGA8
Description  8-bit AVR with 8K Bytes In-System Programmable Flash
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATMEGA8 Datasheet HTML 65Page - ATMEL Corporation ATMEGA8 Datasheet HTML 66Page - ATMEL Corporation ATMEGA8 Datasheet HTML 67Page - ATMEL Corporation ATMEGA8 Datasheet HTML 68Page - ATMEL Corporation ATMEGA8 Datasheet HTML 69Page - ATMEL Corporation ATMEGA8 Datasheet HTML 70Page - ATMEL Corporation ATMEGA8 Datasheet HTML 71Page - ATMEL Corporation ATMEGA8 Datasheet HTML 72Page - ATMEL Corporation ATMEGA8 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 303 page
background image
69
ATmega8(L)
2486M–AVR–12/03
Timer/Counter Timing
Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T0) is therefore
shown as a clock enable signal in the following figures. The figures include information
on when Interrupt Flags are set. Figure 28 contains timing data for basic Timer/Counter
operation. The figure shows the count sequence close to the MAX value.
Figure 28. Timer/Counter Timing Diagram, No Prescaling
Figure 29 shows the same timing data, but with the prescaler enabled.
Figure 29. Timer/Counter Timing Diagram, with Prescaler (f
clk_I/O/8)
clk
Tn
(clk
I/O/1)
TOVn
clk
I/O
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1
TOVn
TCNTn
MAX - 1
MAX
BOTTOM
BOTTOM + 1
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com