Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 84Page - ATMEL Corporation ATTINY13 Datasheet HTML 85Page - ATMEL Corporation ATTINY13 Datasheet HTML 86Page - ATMEL Corporation ATTINY13 Datasheet HTML 87Page - ATMEL Corporation ATTINY13 Datasheet HTML 88Page - ATMEL Corporation ATTINY13 Datasheet HTML 89Page - ATMEL Corporation ATTINY13 Datasheet HTML 90Page - ATMEL Corporation ATTINY13 Datasheet HTML 91Page - ATMEL Corporation ATTINY13 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 169 page
background image
88
ATtiny13
2535B–AVR–01/04
Figure 50. Differential Non-linearity (DNL)
•
Quantization Error: Due to the quantization of the input voltage into a finite number
of codes, a range of input voltages (1 LSB wide) will code to the same value. Always
± 0.5 LSB.
•
Absolute Accuracy: The maximum deviation of an actual (unadjusted) transition
compared to an ideal transition for any code. This is the compound effect of offset,
gain error, differential error, non-linearity, and quantization error. Ideal value: ± 0.5
LSB.
ADC Conversion Result
After the conversion is complete (ADIF is high), the conversion result can be found in
the ADC Result Registers (ADCL, ADCH).
For single ended conversion, the result is
where V
IN is the voltage on the selected input pin and VREF the selected voltage refer-
ence (see Table 37 on page 89 and Table 38 on page 89). 0x000 represents analog
ground, and 0x3FF represents the selected reference voltage minus one LSB.
ADC Multiplexer Selection
Register – ADMUX
• Bit 7 – Res: Reserved Bit
This bit is reserved bit in the ATtiny13 and will always read as zero.
• Bit 6 – REFS0: Reference Selection Bit
Output Code
0x3FF
0x000
0
VREF Input Voltage
DNL
1 LSB
ADC
V
IN
1024
⋅
V
RE F
--------------------------
=
Bit
765
43
21
0
–
REFS0
ADLAR
–
–
–
MUX1
MUX0
ADMUX
Read/Write
R
R/W
R/W
R
R
R
R/W
R/W
Initial Value
000
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com