Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 9Page - ATMEL Corporation ATTINY13 Datasheet HTML 10Page - ATMEL Corporation ATTINY13 Datasheet HTML 11Page - ATMEL Corporation ATTINY13 Datasheet HTML 12Page - ATMEL Corporation ATTINY13 Datasheet HTML 13Page - ATMEL Corporation ATTINY13 Datasheet HTML 14Page - ATMEL Corporation ATTINY13 Datasheet HTML 15Page - ATMEL Corporation ATTINY13 Datasheet HTML 16Page - ATMEL Corporation ATTINY13 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 169 page
background image
13
ATtiny13
2535B–AVR–01/04
SRAM Data Memory
Figure 9 shows how the ATtiny13 SRAM Memory is organized.
The lower 160 Data memory locations address both the Register File, the I/O memory
and the internal data SRAM. The first 32 locations address the Register File, the next 64
locations the standard I/O memory, and the last 64 locations address the internal data
SRAM.
The five different addressing modes for the Data memory cover: Direct, Indirect with
Displacement, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In
the Register File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base
address given by the Y- or Z-register.
When using register indirect addressing modes with automatic pre-decrement and post-
increment, the address registers X, Y, and Z are decremented or incremented.
The 32 general purpose working registers, 64 I/O Registers, and the 64 bytes of internal
data SRAM in the ATtiny13 are all accessible through all these addressing modes. The
Register File is described in “General Purpose Register File” on page 7.
Figure 9. Data Memory Map
Data Memory Access Times
This section describes the general access timing concepts for internal memory access.
The internal data SRAM access is performed in two clk
CPU cycles as described in Figure
10.
Figure 10. On-chip Data SRAM Access Cycles
32 Registers
64 I/O Registers
Internal SRAM
(64 x 8)
0x0000 - 0x001F
0x0020 - 0x005F
0x009F
0x0060
Data Memory
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com