Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 63Page - ATMEL Corporation ATTINY13 Datasheet HTML 64Page - ATMEL Corporation ATTINY13 Datasheet HTML 65Page - ATMEL Corporation ATTINY13 Datasheet HTML 66Page - ATMEL Corporation ATTINY13 Datasheet HTML 67Page - ATMEL Corporation ATTINY13 Datasheet HTML 68Page - ATMEL Corporation ATTINY13 Datasheet HTML 69Page - ATMEL Corporation ATTINY13 Datasheet HTML 70Page - ATMEL Corporation ATTINY13 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 169 page
background image
67
ATtiny13
2535B–AVR–01/04
Table 28 shows the COM0A1:0 bit functionality when the WGM02:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR0A equals TOP and COM0A1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 63 for more details.
• Bits 5:4 – COM0B1:0: Compare Match Output B Mode
These bits control the Output Compare pin (OC0B) behavior. If one or both of the
COM0B1:0 bits are set, the OC0B output overrides the normal port functionality of the
I/O pin it is connected to. However, note that the Data Direction Register (DDR) bit cor-
responding to the OC0B pin must be set in order to enable the output driver.
When OC0B is connected to the pin, the function of the COM0B1:0 bits depends on the
WGM02:0 bit setting. Table 26 shows the COM0A1:0 bit functionality when the
WGM02:0 bits are set to a normal or CTC mode (non-PWM).
Table 27 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to fast
PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Fast PWM
Mode” on page 61 for more details.
Table 28. Compare Output Mode, Phase Correct PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0A disconnected.
0
1
WGM02 = 0: Normal Port Operation, OC0A Disconnected.
WGM02 = 1: Toggle OC0A on Compare Match.
1
0
Clear OC0A on Compare Match when up-counting. Set OC0A on
Compare Match when down-counting.
1
1
Set OC0A on Compare Match when up-counting. Clear OC0A on
Compare Match when down-counting.
Table 29. Compare Output Mode, non-PWM Mode
COM01
COM00
Description
0
0
Normal port operation, OC0B disconnected.
0
1
Toggle OC0B on Compare Match
1
0
Clear OC0B on Compare Match
1
1
Set OC0B on Compare Match
Table 30. Compare Output Mode, Fast PWM Mode
(1)
COM01
COM00
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved
1
0
Clear OC0B on Compare Match, set OC0B at TOP
1
1
Set OC0B on Compare Match, clear OC0B at TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com