Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 13Page - ATMEL Corporation ATTINY13 Datasheet HTML 14Page - ATMEL Corporation ATTINY13 Datasheet HTML 15Page - ATMEL Corporation ATTINY13 Datasheet HTML 16Page - ATMEL Corporation ATTINY13 Datasheet HTML 17Page - ATMEL Corporation ATTINY13 Datasheet HTML 18Page - ATMEL Corporation ATTINY13 Datasheet HTML 19Page - ATMEL Corporation ATTINY13 Datasheet HTML 20Page - ATMEL Corporation ATTINY13 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 169 page
background image
17
ATtiny13
2535B–AVR–01/04
The following code examples show one assembly and one C function for erase, write, or
atomic write of the EEPROM. The examples assume that interrupts are controlled (e.g.,
by disabling interrupts globally) so that no interrupts will occur during execution of these
functions.
Assembly Code Example
EEPROM_write:
; Wait for completion of previous write
sbic EECR,EEPE
rjmp EEPROM_write
; Set Programming mode
ldi
r16, (0<<EEPM1)|(0<<EEPM0)
out
EECR, r16
; Set up address (r17) in address register
out
EEARL, r17
; Write data (r16) to data register
out
EEDR,r16
; Write logical one to EEMWE
sbi
EECR,EEMWE
; Start eeprom write by setting EEWE
sbi
EECR,EEWE
ret
C Code Example
void EEPROM_write(unsigned char ucAddress, unsigned char ucData)
{
/* Wait for completion of previous write */
while(EECR & (1<<EEPE))
;
/* Set Programming mode */
EECR = (0<<EEPM1)|(0>>EEPM0)
/* Set up address and data registers */
EEARL = ucAddress;
EEDR = ucData;
/* Write logical one to EEMWE */
EECR |= (1<<EEMWE);
/* Start eeprom write by setting EEWE */
EECR |= (1<<EEWE);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com