Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 64Page - ATMEL Corporation ATTINY13 Datasheet HTML 65Page - ATMEL Corporation ATTINY13 Datasheet HTML 66Page - ATMEL Corporation ATTINY13 Datasheet HTML 67Page - ATMEL Corporation ATTINY13 Datasheet HTML 68Page - ATMEL Corporation ATTINY13 Datasheet HTML 69Page - ATMEL Corporation ATTINY13 Datasheet HTML 70Page - ATMEL Corporation ATTINY13 Datasheet HTML 71Page - ATMEL Corporation ATTINY13 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 169 page
background image
68
ATtiny13
2535B–AVR–01/04
Table 28 shows the COM0B1:0 bit functionality when the WGM02:0 bits are set to
phase correct PWM mode.
Note:
1. A special case occurs when OCR0B equals TOP and COM0B1 is set. In this case,
the Compare Match is ignored, but the set or clear is done at TOP. See “Phase Cor-
rect PWM Mode” on page 63 for more details.
• Bits 3, 2 – Res: Reserved Bits
These bits are reserved bits in the ATtiny13 and will always read as zero.
• Bits 1:0 – WGM01:0: Waveform Generation Mode
Combined with the WGM02 bit found in the TCCR0B Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 32. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
Match (CTC) mode, and two types of Pulse Width Modulation (PWM) modes (see
“Modes of Operation” on page 60).
Notes:
1. MAX
= 0xFF
2. BOTTOM = 0x00
Table 31. Compare Output Mode, Phase Correct PWM Mode
(1)
COM0A1
COM0A0
Description
0
0
Normal port operation, OC0B disconnected.
01
Reserved
1
0
Clear OC0B on Compare Match when up-counting. Set OC0B on
Compare Match when down-counting.
1
1
Set OC0B on Compare Match when up-counting. Clear OC0B on
Compare Match when down-counting.
Table 32. Waveform Generation Mode Bit Description
Mode
WGM2
WGM1
WGM0
Timer/Counter
Mode of
Operation
TOP
Update of
OCRx at
TOV Flag
Set on
(1)(2)
0
0
0
0
Normal
0xFF
Immediate
MAX
1
0
0
1
PWM, Phase
Correct
0xFF
TOP
BOTTOM
2
0
1
0
CTC
OCRA
Immediate
MAX
3
0
1
1
Fast PWM
0xFF
TOP
MAX
4
1
0
0
Reserved
–
–
–
5
1
0
1
PWM, Phase
Correct
OCRA
TOP
BOTTOM
6
1
1
0
Reserved
–
–
–
7
1
1
1
Fast PWM
OCRA
TOP
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com