Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 71 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 67Page - ATMEL Corporation ATTINY13 Datasheet HTML 68Page - ATMEL Corporation ATTINY13 Datasheet HTML 69Page - ATMEL Corporation ATTINY13 Datasheet HTML 70Page - ATMEL Corporation ATTINY13 Datasheet HTML 71Page - ATMEL Corporation ATTINY13 Datasheet HTML 72Page - ATMEL Corporation ATTINY13 Datasheet HTML 73Page - ATMEL Corporation ATTINY13 Datasheet HTML 74Page - ATMEL Corporation ATTINY13 Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 169 page
background image
71
ATtiny13
2535B–AVR–01/04
executed if a Compare Match in Timer/Counter occurs, i.e., when the OCF0B bit is set in
the Timer/Counter Interrupt Flag Register – TIFR0.
• Bit 2 – OCIE0A: Timer/Counter0 Output Compare Match A Interrupt Enable
When the OCIE0A bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter0 Compare Match A interrupt is enabled. The corresponding interrupt is
executed if a Compare Match in Timer/Counter0 occurs, i.e., when the OCF0A bit is set
in the Timer/Counter 0 Interrupt Flag Register – TIFR0.
• Bit 1 – TOIE0: Timer/Counter0 Overflow Interrupt Enable
When the TOIE0 bit is written to one, and the I-bit in the Status Register is set, the
Timer/Counter0 Overflow interrupt is enabled. The corresponding interrupt is executed if
an overflow in Tim er/Counter0 occurs, i.e., w hen the TOV0 bit is set in the
Timer/Counter 0 Interrupt Flag Register – TIFR0.
Timer/Counter 0 Interrupt Flag
Register – TIFR0
• Bits 7..4, 0 – Res: Reserved Bits
These bits are reserved bits in the ATtiny13 and will always read as zero.
• Bit 3 – OCF0B: Output Compare Flag 0 B
The OCF0B bit is set when a Compare Match occurs between the Timer/Counter and
the data in OCR0B – Output Compare Register0 B. OCF0B is cleared by hardware
when executing the corresponding interrupt handling vector. Alternatively, OCF0B is
cle are d by w riting a logic one to the flag. When the I-bit in SRE G, OC IE 0B
(Timer/Counter Compare B Match Interrupt Enable), and OCF0B are set, the
Timer/Counter Compare Match Interrupt is executed.
• Bit 2 – OCF0A: Output Compare Flag 0 A
The OCF0A bit is set when a Compare Match occurs between the Timer/Counter0 and
the data in OCR0A – Output Compare Register0. OCF0A is cleared by hardware when
executing the corresponding interrupt handling vector. Alternatively, OCF0A is cleared
by writing a logic one to the flag. When the I-bit in SREG, OCIE0A (Timer/Counter0
Compare Match Interrupt Enable), and OCF0A are set, the Timer/Counter0 Compare
Match Interrupt is executed.
• Bit 1 – TOV0: Timer/Counter0 Overflow Flag
The bit TOV0 is set when an overflow occurs in Timer/Counter0. TOV0 is cleared by
hardware when executing the corresponding interrupt handling vector. Alternatively,
TOV0 is cleared by writing a logic one to the flag. When the SREG I-bit, TOIE0
(Timer/Counter0 Overflow Interrupt Enable), and TOV0 are set, the Timer/Counter0
Overflow interrupt is executed.
The setting of this flag is dependent of the WGM02:0 bit setting. Refer to Table 32,
“Waveform Generation Mode Bit Description” on page 68.
Bit
765
43
21
0
–––
–
OCF0B
OCF0A
TOV0
–TIFR0
Read/Write
R
R
R
R
R/W
R/W
R/W
R
Initial Value
000
00
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com