Electronic Components Datasheet Search
  English  ▼

X  

ATTINY13 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATTINY13
Description  8-bit AVR Microcontroller with 1K Bytes In-System Programmable Flash
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY13 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATTINY13 Datasheet HTML 51Page - ATMEL Corporation ATTINY13 Datasheet HTML 52Page - ATMEL Corporation ATTINY13 Datasheet HTML 53Page - ATMEL Corporation ATTINY13 Datasheet HTML 54Page - ATMEL Corporation ATTINY13 Datasheet HTML 55Page - ATMEL Corporation ATTINY13 Datasheet HTML 56Page - ATMEL Corporation ATTINY13 Datasheet HTML 57Page - ATMEL Corporation ATTINY13 Datasheet HTML 58Page - ATMEL Corporation ATTINY13 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 169 page
background image
55
ATtiny13
2535B–AVR–01/04
8-bit Timer/Counter0
with PWM
Timer/Counter0 is a general purpose 8-bit Timer/Counter module, with two independent
Output Compare Units, and with PWM support. It allows accurate program execution
timing (event management) and wave generation. The main features are:
• Two Independent Output Compare Units
• Double Buffered Output Compare Registers
• Clear Timer on Compare Match (Auto Reload)
• Glitch Free, Phase Correct Pulse Width Modulator (PWM)
• Variable PWM Period
• Frequency Generator
• Three Independent Interrupt Sources (TOV0, OCF0A, and OCF0B)
Overview
A simplified block diagram of the 8-bit Timer/Counter is shown in Figure 25. For the
actual placement of I/O pins, refer to “Pinout ATtiny13” on page 1. CPU accessible I/O
Registers, including I/O bits and I/O pins, are shown in bold. The device-specific I/O
Register and bit locations are listed in the “8-bit Timer/Counter Register Description” on
page 66.
Figure 25. 8-bit Timer/Counter Block Diagram
Registers
The Timer/Counter (TCNT0) and Output Compare Registers (OCR0A and OCR0B) are
8-bit registers. Interrupt request (abbreviated to Int.Req. in the figure) signals are all vis-
ible in the Timer Interrupt Flag Register (TIFR0). All interrupts are individually masked
with the Timer Interrupt Mask Register (TIMSK0). TIFR0 and TIMSK0 are not shown in
the figure.
The Timer/Counter can be clocked internally, via the prescaler, or by an external clock
source on the T0 pin. The Clock Select logic block controls which clock source and edge
the Timer/Counter uses to increment (or decrement) its value. The Timer/Counter is
inactive when no clock source is selected. The output from the Clock Select logic is
referred to as the timer clock (clk
T0).
The double buffered Output Compare Registers (OCR0A and OCR0B) is compared with
the Timer/Counter value at all times. The result of the compare can be used by the
Waveform Generator to generate a PWM or variable frequency output on the Output
Clock Select
Timer/Counter
OCRnA
OCRnB
=
=
TCNTn
Waveform
Generation
Waveform
Generation
OCnA
OCnB
=
Fixed
TOP
Value
Control Logic
= 0
TOP
BOTTOM
Count
Clear
Direction
TOVn
(Int.Req.)
OCnA
(Int.Req.)
OCnB
(Int.Req.)
TCCRnA
TCCRnB
Tn
Edge
Detector
( From Prescaler )
clk
Tn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com