Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 11Page - STMicroelectronics STA016T Datasheet HTML 12Page - STMicroelectronics STA016T Datasheet HTML 13Page - STMicroelectronics STA016T Datasheet HTML 14Page - STMicroelectronics STA016T Datasheet HTML 15Page - STMicroelectronics STA016T Datasheet HTML 16Page - STMicroelectronics STA016T Datasheet HTML 17Page - STMicroelectronics STA016T Datasheet HTML 18Page - STMicroelectronics STA016T Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15/45
STA016T
3
REGISTER DESCRIPTION
3.1 VERSION registers description
VERSION :
Address : 0x00 (0)
Type : RO - DWT
Software Reset : 0x10
Hardware Reset : 0x10
Description :
The VERSION register is Read-only and it is used to
identify the IC on the application board.
IDENT :
Address : 0x01 (1)
Type : RO - DWT
Software Reset : 0xAC
Hardware Reset : 0xAC
Description :
IDENT is a read-only register and it is used to identify
the IC on an application board. IDENT always has the
value 0xAC.
SOFT_VERSION :
Address : 0xD3 (211)
Type : RO - DWT
Software Reset : X
Description :
The SOFT_VERSION register is Read-only and it is
used to identify the software running on the IC.
3.2 PLL_AUDIO_CONFIGURATION registers
description
PLL_AUDIO_PEL_192 :
Address : 0xDC (220)
Type : RW - DEC
Software Reset : 58
Description :
This register must contain a PEL value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
ofact is the oversampling factor needed by the DAC
(ofac==246 or ofac==384).
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_PEH_192 :
Address : 0xDD (221)
Type : RW - DEC
Software Reset : 187
Description :
This register must contain a PEH value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_NDIV_192 :
Address : 0xDE (222)
Type : RW - DEC
Software Reset : 0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
1010
11
00
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com