Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 34 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics STA016T Datasheet HTML 36Page - STMicroelectronics STA016T Datasheet HTML 37Page - STMicroelectronics STA016T Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
STA016T
34/45
ERR_DEC_NB_2 :
Address : 0x6D (109)
Type : RO - EDF
Software Reset : 0
Description :
This register give the status of the mp3 decoding pro-
cess according the error number written in following
table.
3.13 ADPCM_CONFIGURATION registers
description
CHAN_NB :
Address : 0x70 (112)
Type : RW - DEC
Software Reset : 0
Description :
It allows the user to specify the number of channel of
the stream to encode.
stream mono stands for only 1 channel is transmit-
ted, data are also not interleaved.
Encode a stereo stream as mono reduce from an half
the encoded data.
SAMPLING_FREQ. :
Address : 0x71 (113)
Type : RW - DEC
Software Reset : 0
Description :
It allows the user to specify the sampling frequency
of the stream to encode.See table 6 of sample fre-
quencies.
ENC_STATE_REPEAT :
Address : 0x72 (114)
Type : RW - DEC
Software Reset : 0
Description :
It allows the user to specify at which frequency the
state of the encoder should be repeated in the stream
:(1/HOST_ENC_STATE_REPEAT) frame.
b7
b6
b5
b4
b3
b2
b1
b0
ER15 ER14 ER13 ER12 ER11 ER10
ER9
ER8
Event
Comment
ER0 == 1
crc_error
ER1 == 1
cutoff_error
ER2 == 1
big_value_error
ER3 == 1
hufftable_error
ER4 == 1
mod_buf_size_error
ER5 == 1
huffman_decode_error
ER6 == 1
dynpart_exchange_error
ER7 == 1
gr_length_error
ER8 == 1
input_bit_available_error
ER9 == 1
ch_length_error
ER10 == 1
head_framelength_error
ER11 == 1
dynpart_length_error
ER12 == 1
block_type_error
ER13 == 1
head_emphasis_error
ER14 == 1
head_samp_freq_error
ER15 == 1
head_layer_error
b7
b6
b5
b4
b3
b2
b1
b0
Value
Codec
1
stream mono encoded as mono
2
stream stereo encoded as stereo
5
stream stereo encoded as mono
with left channel.
9
stream stereo encoded as mono
with right channel.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com