Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics STA016T Datasheet HTML 36Page - STMicroelectronics STA016T Datasheet HTML 37Page - STMicroelectronics STA016T Datasheet HTML 38Page - STMicroelectronics STA016T Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35/45
STA016T
ENC_CODEC :
Address : 0x73 (115)
Type : RW - DEC
Software Reset : 0
Description :
It allows the user to specify the codec to use for the
encoding:
ENC_FRAME_LEN :
Address : 0x74 (116)
Type : RW - DEC
Software Reset : 0
Description :
It allows the user to specify the number of words by
channel included in 1 frame: value from 1 to 15 (mul-
tiplied by 64 inside dsp).
3.14 MIX_CONFIGURATION registers
description
MIX_MODE:
Address : 0x75 (117)
Type : RW - ABO
Software Reset : 2
Description :
This register selectes the mode of mix/volume control
:
MIX_DLA:
Address : 0x76 (118)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the direct left attenuation (in
dB).
MIX_DLB:
Address : 0x77 (119)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the left attenuation (in dB) on
rigth channel.
MIX_DRA:
Address : 0x78 (120)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the direct right attenuation (in
dB).
b7
b6
b5
b4
b3
b2
b1
b0
Value
Codec
0
Intel/DVI
1
G723_24
2
G721
3
G723_40
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Value
Mode
0
diseable mix/volume control
1
volume control
2
mono to stereo (up-mix)
3
stereo to mono (down-mix)
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com