Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 27Page - STMicroelectronics STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
31/45
STA016T
Description :
This register select the decoding data flux according
the mode written in following table.
RUN :
Address : 0x56 (86)
Type : RW - DEC
Software Reset : 0
Description :
– When a software reset occurs, register RUN
is reset (value 0) by the dsp (see I).
– When boot routines are finished, the dsp
write inside RUN register the value 2 : this is
the start of the external configuration period
(start of DEC : see I).
– When the external device wants to end the
external configuration period, it must write the
value 1 inside the register RUN: this is the run
command that starts the decoding process
(see I).
CRC_IGNORE :
Address : 0x52 (82)
Type : RW - ABO
Software Reset : 0
Description :
For decoders having CRC abilities (see each decod-
er configuration), if set to 0 enable the check of CRC,
if set to 1 disable the check of the CRC.
MUTE :
Address : 0x53 (83)
Type : RW - ABO
Software Reset : 0
Description :
For decoders having MUTE abilities (see each de-
coder configuration), if set to 0 disable the mute of the
decoder, if set to 1 enable the mute of the decoder.
Note that during a MUTE the input stream keeps on
entering.
SKIP :
Address : 0x57 (87)
Type : RW - ABO
Software Reset : 0
Description :
For data flux using USSB Input, if SKIP == n>2, de-
coder skip (n-1) out of n frames. Note that maximum
value for n is 8, and if n==0 or n==1, no frames is
skipped.
PAUSE :
Address : 0x58 (88)
Type : RW - ABO
Bit(7:0)
Mode
0
CD_MP3
1
CD_BYPASSA
2
RESERVED
3
BSB_MP3
4
BSB_ADPCM_DECODER
5
RESERVED
6
BSA_ADPCM_ENCODER
7
BSA_BYPASSA
8
I2Sin_ADPCM_ENC
9
I2Sin_BYPASSA
10
SINE (test mode chip alive)
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com