Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 22Page - STMicroelectronics STA016T Datasheet HTML 23Page - STMicroelectronics STA016T Datasheet HTML 24Page - STMicroelectronics STA016T Datasheet HTML 25Page - STMicroelectronics STA016T Datasheet HTML 26Page - STMicroelectronics STA016T Datasheet HTML 27Page - STMicroelectronics STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
STA016T
26/45
Description :
This specifies the number of track to play.
REQUIRED_DIR :
Address : 0x43 (67)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the number of directory to
play.
PLAY_MODE :
Address : 0x44 (68)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the playing mode.
TYPE_CD_EXT_REQ:
Address : 0x46 (70)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the type of request sent to the
cd module.
MINUTE_REQ :
Address : 0x47 (71)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies to the CD module the minute
location requested.
SECOND_REQ :
Address : 0x48 (72)
Type : RO - AEC
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Bit
Mode
[1:0]
end of directory:
0: play next directory
1: replay same directory
2: make pause.
other: reserved
[3:2]
end of track:
0: play next track.
1: replay same track.
2: make pause.
other: reserved
4
next track choice:
0: linear mode.
1: random mode.
5
playing time for track:
0: until end of track.
1: scanning mode.
6
end of CD:
0: stop.
1: replay same CD..
b7
b6
b5
b4
b3
b2
b1
b0
Value
Signific ation
10
application is in pause after EOT or EOD
18
request for a sector
20
begin of track reached
30
ready to receive a new command
35
dsp ready to run
40
cd application stopped.
66
time spent on track available
112
request for root
120
song information available
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com