Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 37Page - STMicroelectronics STA016T Datasheet HTML 38Page - STMicroelectronics STA016T Datasheet HTML 39Page - STMicroelectronics STA016T Datasheet HTML 40Page - STMicroelectronics STA016T Datasheet HTML 41Page - STMicroelectronics STA016T Datasheet HTML 42Page - STMicroelectronics STA016T Datasheet HTML 43Page - STMicroelectronics STA016T Datasheet HTML 44Page - STMicroelectronics STA016T Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
41/45
STA016T
4
COMMAND PROTOCOL CONFIGURATION
General Information About The Command Protocol
I2C protocol :
CD_module & mmdsp are using an I2C protocol to communicate : CD_module is master of the I2C protocol,
and can access (in read and write mode) host registers of the sta016 to write commands to the mmdsp and to
read request from the mmdsp. It must use following I2C syntax :
device_address, host_register_number, host_register_value
where :
for a write acces, device_address is 0x86.
for a read acces, device_address is 0x87.
Writing a command to mmdsp :
CD_module write its command inside dedicated host registers (mainly H64 to H69), then it must signals the writ-
ing of this command to mmdsp by sending the interrupt IT_CMD to the core of mmdsp.
Note that IT_CMD is generated by cd_module threw a falling edge on the input line number 0 of the sta016 (the
INTLINE[0] pin).
Reading a request from mmdsp :
MMDSP write its request inside dedicated host registers (mainly H70 to H78 and H134 to H169), then it signals
to cd_module that it must read a request by sending the interrupt IT_REQ.
Note that IT_REQ interrupt is generated by mmdsp on the IRQB pin of sta016.
Note also that once it has finished to read the message, cd_module must always acknowledge it by reading
H10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com