Electronic Components Datasheet Search
  English  ▼

X  

STA016T Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 12Page - STMicroelectronics STA016T Datasheet HTML 13Page - STMicroelectronics STA016T Datasheet HTML 14Page - STMicroelectronics STA016T Datasheet HTML 15Page - STMicroelectronics STA016T Datasheet HTML 16Page - STMicroelectronics STA016T Datasheet HTML 17Page - STMicroelectronics STA016T Datasheet HTML 18Page - STMicroelectronics STA016T Datasheet HTML 19Page - STMicroelectronics STA016T Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
STA016T
16/45
Description :
This register must contain a NDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_XDIV_192 :
Address : 0xDF (223)
Type : RW - DEC
Software Reset : 3
Description :
This register must contain a XDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_MDIV_192 :
Address : 0xE0 (224)
Type : RW - DEC
Software Reset : 12
Description :
This register must contain a MDIV value that enables
the audio PLL to generate a frequency of ofact*192
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_PEL_176 :
Address : 0xE1 (225)
Type : RW - DEC
Software Reset : 54
Description :
This register must contain a PEL value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– fact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_PEH_176 :
Address : 0xE2 (226)
Type : RW - DEC
Software Reset : 118
Description :
This register must contain a PEH value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
PLL_AUDIO_NDIV_176 :
Address : 0xE3 (227)
Type : RW - DEC
Software Reset : 0
Description :
This register must contain a NDIV value that enables
the audio PLL to generate a frequency of ofact*176
kHz for the PCMCK.See table 1, 2 & 3.
Default value at soft reset assume :
– ofact == 256
– external crystal provide a CRYCK running at
14.31818 MHz
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com