Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 36Page - Texas Instruments TUSB3210 Datasheet HTML 37Page - Texas Instruments TUSB3210 Datasheet HTML 38Page - Texas Instruments TUSB3210 Datasheet HTML 39Page - Texas Instruments TUSB3210 Datasheet HTML 40Page - Texas Instruments TUSB3210 Datasheet HTML 41Page - Texas Instruments TUSB3210 Datasheet HTML 42Page - Texas Instruments TUSB3210 Datasheet HTML 43Page - Texas Instruments TUSB3210 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
4–2
3.3 V
1.5 k
Ω
D+
D–
DP0
DM0
1.5 k
Ω
D+
D–
DP0
DM0
Bus PWR
(5 V)
PUR
(a)
(b)
Figure 4–3. Upstream Connection (a) Non-Switching Power Mode (b) Switching Power Mode
15 k
Ω
D+
D–
DP1
DM1
15 k
Ω
R1
R2
5 V
GND
To Power Switch
NOTE: Ferrite beads can be used on power lines to help ESD.
Figure 4–4. Downstream Connection – (Only One Port Shown)
4.2
Reset Timing
There are two requirements for the reset signal timing. First, the reset window should be between 100
msec and 10
msec. At power up, this time is measured from the time the power ramps up to 90% of the nominal Vcc until the reset
signal goes high (above 1.2 V). The second requirement is that the clock has to be valid during the last 60
msec of
the reset window. These two requirements are depicted in Figure 4–5. Notice that when using a 12 MHz crystal or
the 48 MHz oscillator, the clock signal may take several milliseconds to ramp up and become valid after power up.
Therefore, the reset window may need to be elongated up to 10 msec. to ensure that there is a 60
msec overlap with
a valid clock.
CLK
RESET
t
VCC
90%
3.3 V
1.2 V
0 V
>60
µs
100
µs < RESET TIME < 10 ms
Figure 4–5. Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com