Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
2–2
CODE
XDATA
0000
8k ROM
1FFF
FD80
512 Bytes
RAM
FF80
MMR
FFFF
Figure 2–2. MCU Memory Map (ROM Version)
2.2
Miscellaneous Registers
2.2.1
TUSB3210 Boot Operation
Since the code-space is in RAM (with the exception of the boot ROM), the TUSB3210 firmware must be loaded from
an external source. Two options for booting are available: an external serial EEPROM source connected to the I2C
bus, or the host may be used via the USB. On device reset, the SDW bit (in ROM register) and CONT bit in USB
Control Register (USBCTL) will be cleared. This will configure the memory space to boot mode (see memory map)
and will keep the device disconnected from the host.
The first instruction will be fetched from location 0000 (which is in the 6k-ROM). The 8k-RAM will be mapped to XDATA
space (location 0000h). MCU will execute a read from an external EEPROM and test to see if it contains the code
(test for boot signature). If it contains the code, MCU will read from EEPROM and write to the 8k-RAM in XDATA
space. If not, MCU will proceed to boot from USB.
Once the code is loaded, the MCU will set SDW to 1. This will switch the memory map to normal mode, i.e. the 8k-RAM
will be mapped to code space, and the MCU will start executing from location 0000h. Once the switch is done, the
MCU will set CONT to 1 (in USBCTL register) This will connect the device to the USB bus, resulting in the normal
USB device enumeration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com