Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments TUSB3210 Datasheet HTML 30Page - Texas Instruments TUSB3210 Datasheet HTML 31Page - Texas Instruments TUSB3210 Datasheet HTML 32Page - Texas Instruments TUSB3210 Datasheet HTML 33Page - Texas Instruments TUSB3210 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
2–18
2.8
Pullup Resistor Connect/Disconnect
After reading firmware into RAM the TUSB3210 can re-enumerate using the new firmware (no need to physically
disconnect and re-connect the cable). Figure 2–4 shows an equivalent circuit implementation for Connect and
Disconnect from a USB up-stream port (also see Firgure 4–4b). When CONT bit in USBCTL register is 1, the CMOS
driver sources VDD to the pullup resistor (PUR pin) presenting a normal connect condition to the USB hub (high
speed). When CONT bit is 0, PUR pin is driven low. In this state, the 1.5 k
Ω resistor is connected to GND, resulting
in device disconnection state. The PUR driver is a CMOS driver that can provide (VDD–0.1) volt minimum at 8 mA
source current.
D+
TUSB3210
DM0
DP0
CMOS
CONT-Bit
PUR
1.5 k
Ω
15 k
Ω
15 k
Ω
HUB
D–
TUSB2036A
Figure 2–4. Pullup Resistor Connect/Disconnect Circuit
2.9
8052 Interrupt and Status Registers
All 8052 standard 5 interrupt sources are preserved. SIE is the standard interrupt enable register, which controls the
five interrupt sources. All the additional interrupt sources are connected together as an OR to generate EX0. XINTO#
signal is provided to interrupt an external MCU (see Interrupt connection diagram, Figure 2–5).
Table 2–7. 8052 Interrupt Location Map
INTERRUPT
SOURCE
DESCRIPTION
START
ADDRESS
COMMENTS
ES
UART interrupt
0023H
ET1
Timer–1 interrupt
001BH
EX1
Internal INT1
0013H
Used for P2[7:0] interrupt
ET0
Timer–0 interrupt
000BH
EX0
Internal INT0
0003H
Used for all internal peripherals
Reset
0000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com