Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 21Page - Texas Instruments TUSB3210 Datasheet HTML 22Page - Texas Instruments TUSB3210 Datasheet HTML 23Page - Texas Instruments TUSB3210 Datasheet HTML 24Page - Texas Instruments TUSB3210 Datasheet HTML 25Page - Texas Instruments TUSB3210 Datasheet HTML 26Page - Texas Instruments TUSB3210 Datasheet HTML 27Page - Texas Instruments TUSB3210 Datasheet HTML 28Page - Texas Instruments TUSB3210 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
2–13
2.5.4
OEPBCNT_0: Output Endpoint-0 Byte Count Register
7
6
5
4
3
210
NAK
RSV
RSV
RSV
C3
C2
C1
C0
R/W
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
3–0
C[3:0]
0000
Byte count:
0000b > Count = 0
:
:
0111b > Count =7
1000b > Count = 8
1001b to 1111b are reserved. (If used, defaults to 8)
6–4
RSV
0
Reserved = 0
7
NAK
1
NAK= 0 No valid data in buffer. Ready for host out
NAK= 1 Buffer contains a valid packet from host. (NAK the host)
2.6
USB Registers
2.6.1
FUNADR: Function Address Register
This register contains the device function address.
7
6
5
4
3
210
RSV
FA6
FA5
FA4
FA3
FA2
FA1
FA0
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
FA[6:0]
0000000
These bits define the current device address assigned to the function. MCU writes a value to this register as
a result of SET-ADDRESS host command.
7
RSV
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com