Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments TUSB3210 Datasheet HTML 16Page - Texas Instruments TUSB3210 Datasheet HTML 17Page - Texas Instruments TUSB3210 Datasheet HTML 18Page - Texas Instruments TUSB3210 Datasheet HTML 19Page - Texas Instruments TUSB3210 Datasheet HTML 20Page - Texas Instruments TUSB3210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
2–5
Table 2–1. XDATA Space
DESCRIPTION
ADDRESS RANGE
FFFF
I t
l MMR
Internal MMR
↑
Internal MMR
(Memory mapped registers)
↑
(Memory mapped registers)
FF80
FF7F
EDB
EDB
(Endpoint descriptor blocks)
↑
(Endpoint descriptor blocks)
FF08
FF07
Setup packet buffer
↑
Setu
acket buffer
FF00
FEFF
512 b t
Input endpoint-0 buffer
↑
512 byte
RAM
In ut end oint 0 buffer
FEF8
RAM
FEF7
Output endpoint-0 buffer
↑
Out ut end oint 0 buffer
FEF0
FEEF
Dt bff
Data buffers
↑
Data buffers
(367 bytes)
↑
(367 bytes)
FD80
Table 2–2. Memory Mapped Registers Summary (XDATA Range = FF80
→ FFFF)
ADDRESS
REGISTER
DESCRIPTION
FFFF
FUNADR
FUNADR: Function address register
FFFE
USBSTA
USBSTA: USB status register
FFFD
USBMSK
USBMSK: USB interrupt mask register
FFFC
USBCTL
USBCTL: USB control register
↑
RESERVED
FFF6
VIDSTA
VIDSTA: VID/PID status register
↑
RESERVED
FFF3
I2CADR
I2CADR: I2C address register
FFF2
I2CDAI
I2CDAI: I2C data-input register
FFF1
I2CDAO
I2CDAO: I2C data-output register
FFF0
I2CSTA
I2CSTA: I2C status and control register
↑
RESERVED
FF97
PUR3
Port 3 pullup resistor register
FF96
PUR2
Port 2 pullup resistor register
FF95
PUR1
Port 1 pullup resistor register
FF94
PUR0
Port 0 pullup resistor register
FF93
WDCSR
WDCSR: Watchdog timer, control & status register
FF92
VECINT
VECINT: Vector interrupt register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com