Electronic Components Datasheet Search
  English  ▼

X  

TUSB3210 Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB3210
Description  UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB3210 Datasheet HTML 7Page - Texas Instruments TUSB3210 Datasheet HTML 8Page - Texas Instruments TUSB3210 Datasheet HTML 9Page - Texas Instruments TUSB3210 Datasheet HTML 10Page - Texas Instruments TUSB3210 Datasheet HTML 11Page - Texas Instruments TUSB3210 Datasheet HTML 12Page - Texas Instruments TUSB3210 Datasheet HTML 13Page - Texas Instruments TUSB3210 Datasheet HTML 14Page - Texas Instruments TUSB3210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1–5
1.5
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SCL
12
O
Serial clock I2C; open drain output
SDA
11
I/O
Serial data I2C; open drain output
SELF/BUS
21
I
USB power MODE select: self-powered (HIGH), bus-powered (LOW)
SUSP
16
O
Suspend status signal: suspended (HIGH); unsuspended (LOW)
TEST0
14
I
Test input0, Schmitt-trigger input 100
µA active pullup
TEST1
15
I
Test input1, Schmitt-trigger input 100
µA active pullup
TEST2
20
I
Test input2, Schmitt-trigger input 100
µA active pullup
VCC
10,39,62
I
Power supply input 3.3 V typical
VDDOUT
37
O
Power supply regulator output 1.8 V (May be used as an input when VREN is low)
VREN
38
I
Voltage regulator enable: enable active LOW; disable active HIGH
X1
61
I
12-MHz crystal input
X2
60
O
12-MHz crystal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com