Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 5 Page - Analog Devices

  AD8285 Datasheet HTML 1Page - Analog Devices AD8285 Datasheet HTML 2Page - Analog Devices AD8285 Datasheet HTML 3Page - Analog Devices AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Data Sheet
AD8285
Rev. B | Page 5 of 27
DIGITAL SPECIFICATIONS
AVDD18 = AVDD18ADC = 1.8 V, AVDD33 = AVDD33x1 = AVDD33REF = 3.3 V, DVDD18 = DVDD18CLK = 1.8 V, DVDD33SPI =
DVDD33CLK = DVDD33DRV = 3.3 V, 1.024 V internal ADC reference, fIN = 2.5 MHz, fSAMPLE = 72 MSPS, RS = 50 Ω, LNA + PGA gain =
34 dB, LPF cutoff = fSAMPLECH/4, full channel mode, 12-bit operation, temperature = −40°C to +105°C, unless otherwise noted.
Table 3.
Parameter2
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Differential Input Voltage3
Full
250
mV p-p
Input Common-Mode Voltage
Full
1.2
V
Differential Input Resistance
25°C
20
kΩ
Input Capacitance
25°C
1.5
pF
LOGIC INPUTS (PDWN, SCLK, AUX, MUXA, ZSEL)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (CS)
Logic 1 Voltage
Full
1.2
3.6
V
Logic 0 Voltage
Full
0.3
V
Input Resistance
25°C
70
kΩ
Input Capacitance
25°C
0.5
pF
LOGIC INPUT (SDIO)
Logic 1 Voltage
Full
1.2
DVDD33x + 0.3
V
Logic 0 Voltage
Full
0
0.3
V
Input Resistance
25°C
30
kΩ
Input Capacitance
25°C
2
pF
LOGIC OUTPUT (SDIO)4
Logic 1 Voltage (IOH = 800 μA)
Full
3.0
V
Logic 0 Voltage (IOL = 50 μA)
Full
0.3
V
LOGIC OUTPUT (Dx, DSYNC)
Logic 1 Voltage (IOH = 2 mA)
Full
3.0
V
Logic 0 Voltage (IOL = 2 mA)
Full
0.05
V
1 x stands for A, B, C, or D.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions, and how these tests were completed.
3 Specified for LVDS and LVPECL only.
4 Specified for 13 SDIO pins sharing the same connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com