Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices AD8285 Datasheet HTML 24Page - Analog Devices AD8285 Datasheet HTML 25Page - Analog Devices AD8285 Datasheet HTML 26Page - Analog Devices AD8285 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
AD8285
Rev. B | Page 25 of 27
APPLICATION DIAGRAMS
The typical application diagrams for the AD8285 are shown in Figure 33 and Figure 34. As discussed in the Channel Overview section,
the maximum signal swing and the minimum third-order distortion can be achieved when the AD8285 is driven with a fully differential
source. The typical connections for this configuration are shown in Figure 33.
Figure 33. Differential Inputs Application Diagram
CLK+
CLK–
PDWN
SCLK
SDIO
AUX
MUXA
ZSEL
DSYNC
NOTES
1. ALL CAPACITORS FOR SUPPLIES AND REFERENCES MUST BE PLACED CLOSE TO THE DEVICE.
3.3V
AVDD33REF
0.1µF
AVDD33A
0.1µF
AVDD33B
0.1µF
AVDD33C
0.1µF
AVDD33D
0.1µF
AVDD33
0.1µF
3.3V
DVDD33SPI
0.1µF
DVDD33CLK
0.1µF
DVDD33DRV
0.1µF
DVDD33DRV
0.1µF
1.8V
AVDD18
0.1µF
AVDD18
0.1µF
AVDD18ADC
0.1µF
1.8V
DVDD18
0.1µF
DVDD18CLK
0.1µF
INC+
0.1µF
INC–
0.1µF
INB+
0.1µF
INB–
0.1µF
0.1µF
INA+
0.1µF
INA–
INADC+
0.1µF
0.1µF
0.1µF
10kΩ
1%
10kΩ
INADC–
0.1µF
IND–
0.1µF
IND+
0.1µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
DSYNC
PDWN
DVDD18
SCLK
SDIO
CS
AUX
MUXA
ZSEL
TEST1
TEST2
DVDD33SPI
AVDD18
AVDD33A
INA–
17
INA+
18
NC
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
NC
TEST4
DVDD18CLK
CLK+
CLK–
DVDD33CLK
AVDD33REF
VREF
RBIAS
BAND
APOUT
ANOUT
TEST3
AVDD18ADC
AVDD18
INADC+
INADC–
NC
AD8285
TOP VIEW
(Not to Scale)
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com