Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 1 Page - Analog Devices

  AD8285 Datasheet HTML 1Page - Analog Devices AD8285 Datasheet HTML 2Page - Analog Devices AD8285 Datasheet HTML 3Page - Analog Devices AD8285 Datasheet HTML 4Page - Analog Devices AD8285 Datasheet HTML 5Page - Analog Devices AD8285 Datasheet HTML 6Page - Analog Devices AD8285 Datasheet HTML 7Page - Analog Devices AD8285 Datasheet HTML 8Page - Analog Devices AD8285 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Radar Receive Path AFE: 4-Channel
LNA/PGA/AAF with ADC
Data Sheet
AD8285
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of thirdparties that may result from its use. Specifications subject to changewithout notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700 ©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
4-channel LNA, PGA, and AAF
1 direct to ADC channel
Programmable gain amplifier (PGA)
Includes low noise preamplifier (LNA)
Serial peripheral interface (SPI) programmable gain
16 dB to 34 dB in 6 dB steps
Antialiasing filter (AAF)
Programmable third order, low-pass elliptic filter (LPF)
from 1.0 MHz to 12.0 MHz
Analog-to-digital converter (ADC)
12 bits of accuracy up to 72 MSPS
Signal-to-noise ratio (SNR): 68.5 dB
Spurious-free dynamic range (SFDR): 68 dB at gain = 16 dB
Low power: 185 mW per channel at 12 bits and 72 MSPS
Low noise: 3.5 nV/√Hz maximum of input referred voltage noise
Power-down mode
72-lead, 10 mm × 10 mm LFCSP package
Specified from −40°C to +105°C
Qualified for automotive applications
APPLICATIONS
Automotive radar
Adaptive cruise control
Collision avoidance
Blind spot detection
Self parking
Electronic bumper
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD8285 is designed for low cost, low power, compact size,
flexibility, and ease of use. It contains four channels of a low noise
preamplifier (LNA) with a programmable gain amplifier (PGA)
and an antialiasing filter (AAF) plus one direct to ADC channel, all
integrated with a single 12-bit analog-to-digital converter (ADC).
Each channel features a gain range of 16 dB to 34 dB in 6 dB
increments and an ADC with a conversion rate of up to 72 MSPS.
The combined input referred noise voltage of the entire channel
is 3.5 nV/√Hz at maximum gain. The channel is optimized for
dynamic performance and low power in applications where a
small package size is critical.
Fabricated in an advanced complementary metal oxide
semiconductor (CMOS) process, the AD8285 is available in a
10 mm × 10 mm, RoHS compliant, 72-lead LFCSP that is specified
over the automotive temperature range of −40°C to +105°C.
Table 1. Related Devices
Part No.
Description
AD8283
6-channel LNA/PGA/AAF, pseudo simultaneous
channel sampling with ADC
AD8284
4-channel LNA/PGA/AAF, sequential channel
sampling with ADC
ADA8282
4-channel LNA/PGA
REFERENCE
SPI
INA+
INA–
INB+
INC+
INC–
INB–
IND+
IND–
12-BIT
ADC
DSYNC
D[0:11]
AAF
AD8285
AAF
AAF
AAF
DRV
PGA
LNA
PGA
LNA
PGA
LNA
PGA
LNA
INADC+
INADC–
NOTES
1. AVDD18x = AVDD18, AVDD18ADC.
AVDD33x = AVDD33, AVDD33A, AVDD33B, AVDD33C, AVDD33D, AVDD33REF.
DVDD18x = DVDD18, DVDD18CLK. DVDD33x = DVDD33, DVDD33SPI, DVDD33CLK, DVDD33DRV.
MUX


Similar Part No. - AD8285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8285 AD-AD8285 Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8285 AD-AD8285 Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
AD8285CP-EBZ AD-AD8285CP-EBZ Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
AD8285WBCPZ AD-AD8285WBCPZ Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
AD8285WBCPZ-RL AD-AD8285WBCPZ-RL Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
More results

Similar Description - AD8285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9272 AD-AD9272 Datasheet
71Kb / 2P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD8283 AD-AD8283 Datasheet
578Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
REV. 0
AD8283 AD-AD8283_15 Datasheet
596Kb / 27P
6-Channel LNA/PGA/AAF with ADC
REV. C
AD8284 AD-AD8284 Datasheet
632Kb / 28P
Radar Receive Path AFE - 4-Channel Mux
REV. D
ADA8282 AD-ADA8282 Datasheet
511Kb / 21P
Radar Receive Path AFE - 4-Channel LNA and PGA
REV. 0
AD8283 AD-AD8283_17 Datasheet
646Kb / 28P
Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
8/15-Rev. B to Rev. C
AD8284 AD-AD8284_17 Datasheet
670Kb / 29P
Radar Receive Path AFE: 4-Channel Mux
23-Feb-2017
AD8285 AD-AD8285_17 Datasheet
577Kb / 28P
Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
23-Feb-2017
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
23-Feb-2017
AD9273 AD-AD9273 Datasheet
710Kb / 49P
Octal LNA/VGA/AAF/ADC and Crosspoint Switch
7/09-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com