Electronic Components Datasheet Search
  English  ▼

X  

AD8285 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8285
Description  Radar Receive Path AFE - 4-Channel LNA/PGA/AAF with ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8285 Datasheet HTML 19Page - Analog Devices AD8285 Datasheet HTML 20Page - Analog Devices AD8285 Datasheet HTML 21Page - Analog Devices AD8285 Datasheet HTML 22Page - Analog Devices AD8285 Datasheet HTML 23Page - Analog Devices AD8285 Datasheet HTML 24Page - Analog Devices AD8285 Datasheet HTML 25Page - Analog Devices AD8285 Datasheet HTML 26Page - Analog Devices AD8285 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD8285
Data Sheet
Rev. B | Page 24 of 27
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Default
Notes/
Comments
0x18
FLEX_VREF
X
0 =
internal
reference,
1 =
external
reference
X
X
X
X
00 = 0.625 V,
01 = 0.750 V,
10 = 0.875 V,
11 = 1.024 V
(default)
0x03
Select internal
reference
(recom-
mended
default) or
external
reference
(global); adjust
internal
reference.
0x19
FLEX_USER_PATT1_
LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
Pattern 1, LSB
0x1A
FLEX_USER_PATT1_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
Pattern 1, MSB
0x1B
FLEX_USER_PATT2_
LSB
B7
B6
B5
B4
B3
B2
B1
B0
0x00
User-defined
Pattern 2, LSB
0x1C
FLEX_USER_PATT2_
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
Pattern 2, MSB
0x2B
FLEX_FILTER
X
Enable
automatic
low-pass
tuning,
1 = on
(self-
clearing)
X
X
X
X
X
X
0x00
Refer to the
Antialiasing
Filter (AAF)
section.
0x2C
CH_IN_IMP
X
X
X
X
X
X
X
0 =
200 Ω
(default),
1 =
200 kΩ
0x00
Input
impedance
adjustment
(global).
Table 10. Flexible Output Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Digital Output Word 1
Digital Output Word 2
Subject to Data
Format Select
0000
Off (default)
Not applicable
Not applicable
Not applicable
0001
Midscale short
1000 0000 0000
Same
Yes
0010
+Full-scale short
1111 1111 1111
Same
Yes
0011
−Full-scale short
0000 0000 0000
Same
Yes
0100
Checkerboard output
1010 1010 1010
0101 0101 0101
No
0101
PN sequence long
Not applicable
Not applicable
Yes
0110
PN sequence short
Not applicable
Not applicable
Yes
0111
One-/zero-word toggle
1111 1111 1111
0000 0000 0000
No
1000
User input
Register 0x19 to Register 0x1A
Register 0x1B to Register 0x1C
No
1001
1-bit/0-bit toggle
1010 1010 1010
Not applicable
No
1010
1× sync
0000 0011 1111
Not applicable
No
1011
One bit high
1000 0000 0000
Not applicable
No
1100
Mixed bit frequency
1010 0011 0011
Not applicable
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com